Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI65-1R0L Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SI65-1R0L
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SI65-1R0L Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SI65-1R0L Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductor
SI65 Type
Features
RoHS compliant.
Low profile (4.85mm max.Height)), SMD type.
Unshielded.
Self-leads,suitable for high density mounting.
High energy storage and low DCR
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter, DC-AC inverters inductor applications.
In addition to the standard versions shown here,
customized inductors are available to meet your exact requirements.
Mechanical Dimension:
RECOMMENDED PAD PATTERNS
C
B
D
6.1 1.1
5.8
UNIT:mm/inch
A = 5.8±0.2 / 0.228±0.008
B = 5.2±0.2 / 0.205±0.008
C = 4.5±0.35 / 0.177±0.014
D = 1.2±0.2 / 0.047±0.008
Electrical Characteristics: 25℃, 100KHz, 0.1V for 0.33~8.2uH. 1KHz,1.0V for 10~220uH.
1.Tolerance of inductance±15% for 0.33~8.2uH, ±10% for 10~220uH.
2.Irated is the DC current which cause the inductance drop less than 10% of its nominal inductance without current
and the surface temperature of the part increase less than 45℃.
3.Operating temperature:-20℃ to 105℃ (including self-temperature rise).
PART NO.
L
1
(uH)
DCR
(Ω) MAX
Irated
2
(Adc)
SI65-R56L
0.56
0.0095
6.60
SI65-R82L
0.82
0.0110
6.00
SI65-1R0L
1.00
0.0125
4.50
SI65-1R5L
1.50
0.0160
4.00
SI65-2R2L
2.20
0.0230
3.20
SI65-2R7L
2.70
0.0250
2.90
SI65-3R3L
3.30
0.0300
2.60
SI65-4R7L
4.70
0.0340
2.30
SI65-6R8L
6.80
0.0550
1.80
SI65-8R2L
8.20
0.0600
1.70
SI65-100K
10.00
0.0500
1.50
SI65-120K
12.00
0.1200
1.40
SI65-150K
15.00
0.1400
1.30
SI65-180K
18.00
0.1500
1.20
SI65-220K
22.00
0.1800
1.10
SI65-270K
27.00
0.2000
0.97
SI65-330K
33.00
0.2300
0.88
SI65-390K
39.00
0.3200
0.80
SI65-470K
47.00
0.3700
0.72
SI65-560K
56.00
0.4200
0.68
SI65-680K
68.00
0.4600
0.61
SI65-820K
82.00
0.6000
0.58
SI65-101K
100.00
0.7000
0.52
SI65-121K
120.00
0.9300
0.48
SI65-151K
150.00
1.1000
0.40
SI65-181K
180.00
1.3800
0.38
SI65-221K
220.00
1.5700
0.35


Similar Part No. - SI65-1R0L

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SI65-100 DELTA-SI65-100 Datasheet
216Kb / 1P
   SMT Power Inductor
SI65-101 DELTA-SI65-101 Datasheet
216Kb / 1P
   SMT Power Inductor
SI65-120 DELTA-SI65-120 Datasheet
216Kb / 1P
   SMT Power Inductor
SI65-121 DELTA-SI65-121 Datasheet
216Kb / 1P
   SMT Power Inductor
SI65-150 DELTA-SI65-150 Datasheet
216Kb / 1P
   SMT Power Inductor
More results

Similar Description - SI65-1R0L

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com