Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NL-2HFA-B4 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D4NL-2HFA-B4
Description  Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NL-2HFA-B4 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D4NL-2HFA-B4 Datasheet HTML 3Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 4Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 5Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 6Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 7Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 8Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 9Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 10Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
D4NL
7
Connections
Internal Circuit Diagram
Indicator
Solenoid
Circuit Connection Example
Connection Example for D4NL-
@F@@-B
• Terminals 12 and 41 are connected internally. When connecting
inputs to safety circuits, use terminals 11 and 42. (GS-ET-19).
• Connect terminals 21 and 22 and terminals 51 and 52 in series
when using as safety-circuit inputs (redundancy circuit for
terminals 11 and 12 and terminals 41 and 42 below). Connect the
terminals individually when using as auxiliary-circuit inputs (e.g.,
terminals 21 and 22 for safety-door open/closed monitoring and
terminals 51 and 52 for monitoring the lock status).
• In the following connection example, terminals 21 and 22 and
terminals 51 and 52 are used as auxiliary-circuit inputs.
• Direct opening contacts used as safety-circuit inputs are indicated
with the
mark. Terminals 11 and 42, and terminals 21 and 22
have direct opening contacts.
• Connect the indicators in parallel to the auxiliary circuits or
terminals E1 and E2 (D4NL-
@@@A-B, -@@@G-B, -@@@B-B, and
-
@@@H-B only).
Connecting to contacts with direct opening mechanisms may result
in short-circuit current flowing if the indicator is destroyed, possibly
resulting in incorrect equipment operation.
• Do not switch circuits for two or more standard loads at the same
time. Doing so may adversely affect insulation performance.
• DC solenoids have polarity. Confirm terminal polarity before wiring.
D
R
R
LED
Z
10 to 115 VAC/VDC
Constant-current diode
E1 (+)
E2 (
−)
24 VDC
E1 (+)
E2 (
−)
110 VAC/230 VAC
42
11
21
33
E1 (+)
O1
O2
12
41
51
52
22
34
E2 (
−)
Indicator
(Orange)
Safety
circuit
Auxiliary
circuit
Auxiliary
circuit
Auxiliary
circuit


Similar Part No. - D4NL-2HFA-B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL-2HFA-B OMRON-D4NL-2HFA-B Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4NL-2HFA-B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
   Compact Non-contact Door Switch
D4NS-1BF OMRON-D4NS-1BF Datasheet
2Mb / 12P
   Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com