Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NL-2HFA-B4 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D4NL-2HFA-B4
Description  Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NL-2HFA-B4 Datasheet(HTML) 5 Page - Omron Electronics LLC

  D4NL-2HFA-B4 Datasheet HTML 1Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 2Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 3Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 4Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 5Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 6Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 7Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 8Page - Omron Electronics LLC D4NL-2HFA-B4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
D4NL
5
Operation Keys
Specifications
Standards and EC Directives
Conforms to the following EC Directives:
• Machinery Directive
• Low Voltage Directive
• EN 1088
• EN 60204-1
• GS-ET-19
Certified Standards
*1. Certification for CSA C22.2 No. 14 is authorized by the UL mark.
*2. Only certain models have been certified.
Certified Standard Ratings
TÜV (EN60947-5-1), CCC (GB14048.5)
Note: Use a 10 A fuse type gI or gG that conforms to IEC60269 as a
short-circuit protection device. This fuse is not built into the
Switch.
UL/CSA (UL508, CSA C22.2 No. 14)
A300
Q300
Solenoid Coil Characteristics
Indicator Characteristics
Type
Model
D4DS-K1
D4DS-K2
D4DS-K3
D4DS-K5
Horizontal mounting
Vertical mounting
Adjustable mounting
(Horizontal)
Adjustable mounting
(Horizontal/Vertical)
Certification body
Standard
File No.
TÜV SÜD
EN60947-5-1
(certified direct opening)
Consult your
OMRON
representative for
details.
UL
*1
UL508, CSA C22.2 No.14
E76675
CQC (CCC)
GB14048.5
2003010305064267
KOSHA
*2
EN60947-5-1
2005-196
Item
Utilization
category
AC-15
DC-13
Rated operating current (Ie)
3 A
0.27 A
Rated operating voltage (Ue) 240 V
250 V
Rated
voltage
Carry current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
120 VAC
10 A
60
6
7,200
720
240 VAC
30
3
Rated
voltage
Carry current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
125 VDC
2.5 A
0.55
0.55
69
69
250 VDC
0.27
0.27
Item
Type
24 VDC
110 VAC
Rated operating voltage
(100% ED)
24 VDC
110 VAC ±10%
Current
consumption
Approx. 200 mA
Approx. 50 mA
Insulation
Class B (130
°C max.)
Item
Type
LED
Rated voltage
10 to 115 VAC/VDC
Current leakage
Approx. 1 mA
Color (LED)
Orange
+10%
−15%


Similar Part No. - D4NL-2HFA-B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL-2HFA-B OMRON-D4NL-2HFA-B Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4NL-2HFA-B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
   Compact Non-contact Door Switch
D4NS-1BF OMRON-D4NS-1BF Datasheet
2Mb / 12P
   Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com