Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78633DCQG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78633DCQG4
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78633DCQG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS78633DCQG4 Datasheet HTML 4Page - Texas Instruments TPS78633DCQG4 Datasheet HTML 5Page - Texas Instruments TPS78633DCQG4 Datasheet HTML 6Page - Texas Instruments TPS78633DCQG4 Datasheet HTML 7Page - Texas Instruments TPS78633DCQG4 Datasheet HTML 8Page - Texas Instruments TPS78633DCQG4 Datasheet HTML 9Page - Texas Instruments TPS78633DCQG4 Datasheet HTML 10Page - Texas Instruments TPS78633DCQG4 Datasheet HTML 11Page - Texas Instruments TPS78633DCQG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Time (
µs)
4.0
3.5
2.5
0.5
0
3.0
1.0
1.5
2.0
400
0
800
1200
1600
2000
VOUT = 2.5 V
RL = 1.6 Ω
CNR = 0.01 µF
VIN
VOUT
0
100
200
300
400
500
600
0
200
400
600
800 1000 1200 1400
IOUT (mA)
TJ = 125°C
TJ = −40°C
TJ = 25°C
0
50
100
150
200
250
300
350
400
450
500
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
TJ = 125°C
TJ = −40°C
TJ = 25°C
IOUT = 1.5 A
COUT = 10 µF
CNR = 0.01 µF
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 1 µF
Region of Stability
1
500
1000
1500
30
125
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 2.2 µF
Region of Stability
1
500
1000
1500
30
125
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT (V)
T
J
=+125
°C
I
OUT
=1.5A
T
J
=+25
°C
TPS786xx
SLVS389L – SEPTEMBER 2002 – REVISED OCTOBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TPS78630
TPS78601
TPS78625
DROPOUT VOLTAGE
DROPOUT VOLTAGE
POWER-UP/
vs
vs
POWER-DOWN
OUTPUT CURRENT
INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
TPS78630
TPS78630
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
MINIMUM REQUIRED
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
INPUT VOLTAGE
(ESR)
(ESR)
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS786xx


Similar Part No. - TPS78633DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78633DCQG4 TI-TPS78633DCQG4 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78633DCQG4 TI1-TPS78633DCQG4 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78633DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com