Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78633KTT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS78633KTT
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78633KTT Datasheet(HTML) 3 Page - Texas Instruments

  TPS78633KTT Datasheet HTML 1Page - Texas Instruments TPS78633KTT Datasheet HTML 2Page - Texas Instruments TPS78633KTT Datasheet HTML 3Page - Texas Instruments TPS78633KTT Datasheet HTML 4Page - Texas Instruments TPS78633KTT Datasheet HTML 5Page - Texas Instruments TPS78633KTT Datasheet HTML 6Page - Texas Instruments TPS78633KTT Datasheet HTML 7Page - Texas Instruments TPS78633KTT Datasheet HTML 8Page - Texas Instruments TPS78633KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPS786xx
www.ti.com
SLVS389L – SEPTEMBER 2002 – REVISED OCTOBER 2010
THERMAL INFORMATION
TPS786xx(3)
THERMAL METRIC(1)(2)
DRB
DCQ
KTT
UNITS
8 PINS
6 PINS
5 PINS
qJA
Junction-to-ambient thermal resistance(4)
47.8
70.4
25
qJCtop
Junction-to-case (top) thermal resistance(5)
83
70
35
qJB
Junction-to-board thermal resistance(6)
N/A
N/A
N/A
°C/W
yJT
Junction-to-top characterization parameter(7)
2.1
6.8
1.5
yJB
Junction-to-board characterization parameter(8)
17.8
30.1
8.52
qJCbot
Junction-to-case (bottom) thermal resistance(9)
12.1
6.3
0.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
Thermal data for the DRB, DCQ, and DRV packages are derived by thermal simulations based on JEDEC-standard methodology as
specified in the JESD51 series. The following assumptions are used in the simulations:
(a)
i. DRB: The exposed pad is connected to the PCB ground layer through a 2x2 thermal via array.
. ii. DCQ: The exposed pad is connected to the PCB ground layer through a 3x2 thermal via array.
. iii. KTT: The exposed pad is connected to the PCB ground layer through a 5x4 thermal via array.
(b) i. DRB: The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20% copper
coverage.
. ii. DCQ: Each of top and bottom copper layers has a dedicated pattern for 20% copper coverage.
. iii. KTT: The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20% copper
coverage.
(c) These data were generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3in × 3in copper area. To
understand the effects of the copper area on thermal performance, see the Power Dissipation and Estimating Junction Temperature
sections of this data sheet.
(4)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(5)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the top of the package. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(6)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(7)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain qJA using a procedure described in JESD51-2a (sections 6 and 7).
(8)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain qJA using a procedure described in JESD51-2a (sections 6 and 7).
(9)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS786xx


Similar Part No. - TPS78633KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78633KTT TI-TPS78633KTT Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78633KTT TI-TPS78633KTT Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78633KTT TI1-TPS78633KTT Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78633KTTR TI-TPS78633KTTR Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78633KTTR TI1-TPS78633KTTR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78633KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com