Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJM0335C1E3R7WB01D Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # GJM0335C1E3R7WB01D
Description  Chip Monolithic Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJM0335C1E3R7WB01D Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button GJM0335C1E3R7WB01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GJM0335C1E3R7WB01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GJM0335C1E3R7WB01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GJM0335C1E3R7WB01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GJM0335C1E3R7WB01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GJM0335C1E3R7WB01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GJM0335C1E3R7WB01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GJM0335C1E3R7WB01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GJM0335C1E3R7WB01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
89
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GJM0335C1ER20WB01D
GJM0335C1ER20BB01D
GJM0335C1ER30WB01D
GJM0335C1ER30BB01D
GJM0335C1ER40WB01D
GJM0335C1ER40BB01D
GJM0335C1ER50WB01D
GJM0335C1ER50BB01D
GJM0335C1ER60WB01D
GJM0335C1ER60BB01D
GJM0335C1ER70WB01D
GJM0335C1ER70BB01D
GJM0335C1ER80WB01D
GJM0335C1ER80BB01D
GJM0335C1ER90WB01D
GJM0335C1ER90BB01D
GJM0335C1E1R0WB01D
GJM0335C1E1R0BB01D
GJM0335C1E1R0CB01D
GJM0335C1E1R1WB01D
GJM0335C1E1R1BB01D
GJM0335C1E1R1CB01D
GJM0335C1E1R2WB01D
GJM0335C1E1R2BB01D
GJM0335C1E1R2CB01D
GJM0335C1E1R3WB01D
GJM0335C1E1R3BB01D
GJM0335C1E1R3CB01D
GJM0335C1E1R4WB01D
GJM0335C1E1R4BB01D
GJM0335C1E1R4CB01D
GJM0335C1E1R5WB01D
GJM0335C1E1R5BB01D
GJM0335C1E1R5CB01D
GJM0335C1E1R6WB01D
GJM0335C1E1R6BB01D
GJM0335C1E1R6CB01D
GJM0335C1E1R7WB01D
GJM0335C1E1R7BB01D
GJM0335C1E1R7CB01D
GJM0335C1E1R8WB01D
GJM0335C1E1R8BB01D
GJM0335C1E1R8CB01D
GJM0335C1E1R9WB01D
GJM0335C1E1R9BB01D
GJM0335C1E1R9CB01D
50(
1H)
GJM1555C1HR10WB01D
GJM1555C1HR10BB01D
GJM1555C1HR20WB01D
GJM1555C1HR20BB01D
GJM1555C1HR30WB01D
GJM1555C1HR30BB01D
GJM1555C1HR40WB01D
GJM1555C1HR40BB01D
GJM1555C1HR50WB01D
GJM1555C1HR50BB01D
GJM1555C1HR60WB01D
GJM1555C1HR60BB01D
GJM1555C1HR70WB01D
GJM1555C1HR70BB01D
GJM1555C1HR80WB01D
GJM1555C1HR80BB01D
GJM1555C1HR90WB01D
GJM1555C1HR90BB01D
GJM1555C1H1R0WB01D
GJM1555C1H1R0BB01D
GJM1555C1H1R0CB01D
GJM1555C1H1R1WB01D
GJM1555C1H1R1BB01D
GJM1555C1H1R1CB01D
GJM1555C1H1R2WB01D
GJM1555C1H1R2BB01D
GJM1555C1H1R2CB01D
GJM1555C1H1R3WB01D
GJM1555C1H1R3BB01D
GJM1555C1H1R3CB01D
GJM1555C1H1R4WB01D
GJM1555C1H1R4BB01D
GJM1555C1H1R4CB01D
GJM1555C1H1R5WB01D
GJM1555C1H1R5BB01D
GJM1555C1H1R5CB01D
GJM1555C1H1R6WB01D
GJM1555C1H1R6BB01D
GJM1555C1H1R6CB01D
GJM1555C1H1R7WB01D
GJM1555C1H1R7BB01D
GJM1555C1H1R7CB01D
GJM1555C1H1R8WB01D
GJM1555C1H1R8BB01D
GJM1555C1H1R8CB01D
GJM1555C1H1R9WB01D
GJM1555C1H1R9BB01D
GJM1555C1H1R9CB01D
0.6x0.3(
03)<0201>
1.0x0.5(
15)<0402>
0.1pF(
R10)
0.2pF(
R20)
0.3pF(
R30)
0.4pF(
R40)
0.5pF(
R50)
0.6pF(
R60)
0.7pF(
R70)
0.8pF(
R80)
0.9pF(
R90)
1.0pF(
1R0)
1.1pF(
1R1)
1.2pF(
1R2)
1.3pF(
1R3)
1.4pF(
1R4)
1.5pF(
1R5)
1.6pF(
1R6)
1.7pF(
1R7)
1.8pF(
1R8)
1.9pF(
1R9)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
Temperature Compensating Type C0G(5C) Characteristics
GJ
M
03
3
5C
1E
R20 W
B01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GJM0335C1E3R7WB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM0335C1E3R7WB01 MURATA-GJM0335C1E3R7WB01 Datasheet
727Kb / 25P
   Chip Monolithic Ceramic Capacitor High-Q Type for General
More results

Similar Description - GJM0335C1E3R7WB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com