Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCM219 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GCM219
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM219 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GCM219 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM219 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM219 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM219 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM219 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GCM219 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GCM219 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GCM219 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM219 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
12
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
High Dielectric Constant Type
The part numbering code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
100(
2A)
GCM319R72A104KA37D
GCM31MR72A154KA37L
GCM31MR72A224KA37L
50(
1H)
GCM31MR71H334KA37L
GCM31MR71H474KA37L
GCM31MR71H684KA55L
GCM31MR71H105KA55L
GCM31CR71H225KA55L
25(
1E)
GCM31MR71E225KA57L
GCM31CR71E475KA55L
16(
1C)
GCM31CR71C475KA37L
GCM31CR71C106KA64L
X7R(
R7)
3.2x1.6(
31)<1206>
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
10
µF(106)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
10(
1A)
GCM31CR71A106KA64L
6.3(
0J)
GCM31CR70J226ME23L
X7R(
R7)
3.2x1.6(
31)<1206>
10
µF(106)
22
µF(226)
±10%(K)
±20%(M)
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
100(
2A)
GCM216R72A682KA37D
GCM216R72A103KA37D
GCM216R72A153KA37D
GCM216R72A223KA37D
GCM219R72A333KA37D
GCM21BR72A473KA37L
GCM21BR72A683KA37L
GCM21BR72A104KA37L
50(
1H)
GCM219R71H333KA37D
GCM21BR71H473KA37L
GCM21BR71H683KA37L
GCM21BR71H104KA37L
GCM21BR71H154KA37L
GCM21BR71H224KA37L
GCM219R71H334KA55D
GCM21BR71H474KA55L
35(
YA)
GCM21BR7YA684KA55L
GCM21BR7YA105KA55L
25(
1E)
GCM21BR71E154KA37L
GCM21BR71E224KA37L
GCM21BR71E334KA37L
GCM219R71E474KA55D
GCM21BR71E684KA55L
GCM21BR71E105KA56L
GCM21BR71E225KA73L
X7R(
R7)
2.0x1.25(
21)<0805>
6800pF(
682)
10000pF(
103)
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
16(
1C)
GCM219R71C684KA37D
GCM219R71C105KA37D
GCM21BR71C225KA64L
GCM21BR71C475KA73L
10(
1A)
GCM21BR71A225KA37L
GCM21BC71A475KA73L
6.3(
0J)
GCM21BR70J106KE22L
X7R(
R7)/X7S(C7)
2.0x1.25(
21)<0805>
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
10
µF(106)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20
Packaging Code in Part Number is a code shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimension (LgW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Package
(Part Number)
w
GC
q
M
e
21
r
6
t
R7
y
2A
u
682
i
K
o
A37
!0
D


Similar Part No. - GCM219

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM2195C1H102JA16 MURATA-GCM2195C1H102JA16 Datasheet
737Kb / 28P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR AUTOMOTIVE
GCM2195C1H103J MURATA-GCM2195C1H103J Datasheet
65Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 C0G 0.01關F 50V
logo
Murata Manufacturing Co...
GCM2195C1H103JA16 MURATA1-GCM2195C1H103JA16 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM2195C1H103JA16D MURATA-GCM2195C1H103JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
NXP Semiconductors
GCM2195C1H103JA16D NXP-GCM2195C1H103JA16D Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
More results

Similar Description - GCM219

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM1885G1H470JA16D MURATA-GCM1885G1H470JA16D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com