Electronic Components Datasheet Search |
|
0201MRX7R5BB333 Datasheet(PDF) 9 Page - YAGEO Corporation |
|
0201MRX7R5BB333 Datasheet(HTML) 9 Page - YAGEO Corporation |
9 / 20 page www.yageo.com Oct 13, 2011 V.8 General Purpose & High Cap. 6.3 V to 50 V Surface-Mount Ceramic Multilayer Capacitors 9 20 Product specification X7R Table 6 THICKNESS CLASSES AND PACKING QUANTITY Ø180 MM / 7 INCH Ø330 MM / 13 INCH SIZE CODE THICKNESS CLASSIFICATION TAPE WIDTH QUANTITY PER REEL Paper Blister Paper Blister QUANTITY PER BULK CASE 0201 0.3 ±0.03 mm 8 mm 15,000 --- 50,000 --- --- 0402 0.5 ±0.05 mm 8 mm 10,000 --- 50,000 --- 50,000 0603 0.8 ±0.1 mm 8 mm 4,000 --- 15,000 --- 15,000 0.6 ±0.1 mm 8 mm 4,000 --- 20,000 --- 10,000 0805 0.85 ±0.1 mm 8 mm 4,000 --- 15,000 --- 8,000 1.25 ±0.2 mm 8 mm --- 3,000 --- 10,000 5,000 0.6 ±0.1 mm 8 mm 4,000 --- 20,000 --- --- 0.85 ±0.1 mm 8 mm 4,000 --- 15,000 --- --- 1.00 / 1.15 ±0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.25 ±0.2 mm 8 mm --- 3,000 --- 10,000 --- 1.6 ±0.15 mm 8 mm --- 2,500 --- 10,000 --- 1206 1.6 ±0.2 mm 8 mm --- 2,000 --- 10,000 --- 0.6 / 0.7 ±0.1 mm 8 mm --- 4,000 --- 15,000 --- 0.85 ±0.1 mm 8 mm --- 4,000 --- 10,000 --- 1.15 ±0.1 mm 8 mm --- 3,000 --- 10,000 --- 1.15 ±0.15 mm 8 mm --- 3,000 --- 10,000 --- 1.25 ±0.2 mm 8 mm --- 3,000 --- --- --- 1.5 ±0.1 mm 8 mm --- 2,000 --- --- --- 1.6 / 1.9 ±0.2 mm 8 mm --- 2,000 --- --- --- 2.0 ±0.2 mm 8 mm --- 2,000 1,000 --- --- --- 1210 2.5 ±0.2 mm 8 mm --- 1,000 500 --- --- --- 1.15 ±0.15 mm 12 mm --- 3,000 --- --- --- 1.25 ±0.2 mm 12 mm --- 3,000 --- --- --- 1.35 ±0.15 mm 12 mm --- 2,000 --- --- --- 1.5 ±0.1 mm 12 mm --- 2,000 --- --- --- 1.6 ±0.2 mm 12 mm --- 2,000 --- 8,000 --- 1808 2.0 ±0.2 mm 12 mm --- 2,000 --- --- --- 0.6 / 0.85 ±0.1 mm 12 mm --- 2,000 --- --- --- 1.15 ±0.1 mm 12 mm --- 1,000 --- --- --- 1.25 ±0.2 mm 12 mm --- 1,000 --- --- --- 1.5 ±0.1 mm 12 mm --- 1,000 --- --- --- 1.6 ±0.2 mm 12 mm --- 1,000 --- --- --- 2.0 ±0.2 mm 12 mm --- 1,000 --- --- --- 1812 2.5 ±0.2 mm 12 mm --- 500 --- --- --- |
Similar Part No. - 0201MRX7R5BB333 |
|
Similar Description - 0201MRX7R5BB333 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |