Electronic Components Datasheet Search |
|
0201MRX7R5BB333 Datasheet(PDF) 5 Page - YAGEO Corporation |
|
0201MRX7R5BB333 Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 20 page www.yageo.com Oct 13, 2011 V.8 General Purpose & High Cap. 6.3 V to 50 V Surface-Mount Ceramic Multilayer Capacitors 5 20 Product specification X7R Table 2 Sizes from 0201 to 0402 CAPACITANCE RANGE & THICKNESS FOR X7R CAP. 0201 0402 Last 2-digit of 12NC 6.3 V 10 V 16 V 25 V 50 V 6.3 V 10 V 16 V 25 V 50 V 100 pF 09 150 pF 12 220 pF 14 330 pF 16 470 pF 18 0.3±0.03 680 pF 21 1.0 nF 23 0.3±0.03 1.5 nF 25 2.2 nF 27 3.3 nF 29 4.7 nF 32 6.8 nF 34 10 nF 36 0.3±0.03 0.3±0.03 0.3±0.03 0.5±0.05 15 nF 38 22 nF 41 33 nF 43 47 nF 45 68 nF 47 100 nF 49 0.5±0.05 0.5±0.05 0.5±0.05 0.5±0.05 150 nF 52 220 nF 54 0.5±0.05 0.5±0.05 0.5±0.05 330 nF 56 470 nF 58 0.5±0.05 680 nF 61 1.0 µF 63 2.2 µF 67 4.7 µF 72 10 µF 76 22 µF 81 NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-6 series is on request 3. For product with 5% tolerance, please contact local sales force before ordering |
Similar Part No. - 0201MRX7R5BB333 |
|
Similar Description - 0201MRX7R5BB333 |