Electronic Components Datasheet Search |
|
GCM32D Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
GCM32D Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 44 page Capacitance Table 4 Temperature Compensating Type C0G(5C) 0.6x0.3 (03) <0201> 1.0x0.5 (15) <0402> 25 (1E) 50 (1H) 100 (2A) 1.6x0.8 (18) <0603> 50 (1H) 100 (2A) 2.0x1.25 (21) <0805> 3.2x1.6 (31) <1206> 50 (1H) 100 (2A) 50 (1H) 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 9 9 9 9 9 9 B B 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 M M 6 ex.6: T Dimension Part Number Code LxW [mm] Rated Voltage [Vdc] Capacitance 1.0pF(1R0) 2.0pF(2R0) 3.0pF(3R0) 4.0pF(4R0) 5.0pF(5R0) 6.0pF(6R0) 7.0pF(7R0) 8.0pF(8R0) 9.0pF(9R0) 10pF(100) 12pF(120) 15pF(150) 18pF(180) 22pF(220) 27pF(270) 33pF(330) 39pF(390) 47pF(470) 56pF(560) 68pF(680) 82pF(820) 100pF(101) 120pF(121) 150pF(151) 180pF(181) 220pF(221) 270pF(271) 330pF(331) 390pF(391) 470pF(471) 560pF(561) 680pF(681) 820pF(821) 1000pF(102) 1200pF(122) 1500pF(152) 1800pF(182) 2200pF(222) 2700pF(272) 3300pF(332) 3900pF(392) 4700pF(472) 5600pF(562) 6800pF(682) 8200pF(822) 10000pF(103) 12000pF(123) 15000pF(153) 18000pF(183) 22000pF(223) 27000pF(273) 33000pF(333) 39000pF(393) 47000pF(473) 56000pF(563) The part numbering code is shown in ( ) and Unit is shown in [ ]. < >: EIA [inch] Code Capacitance Table 6 1 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C03E.pdf 10.5.20 |
Similar Part No. - GCM32D |
|
Similar Description - GCM32D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |