Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NL-4FFA-B-SJ Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D4NL-4FFA-B-SJ
Description  Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NL-4FFA-B-SJ Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button D4NL-4FFA-B-SJ Datasheet HTML 2Page - Omron Electronics LLC D4NL-4FFA-B-SJ Datasheet HTML 3Page - Omron Electronics LLC D4NL-4FFA-B-SJ Datasheet HTML 4Page - Omron Electronics LLC D4NL-4FFA-B-SJ Datasheet HTML 5Page - Omron Electronics LLC D4NL-4FFA-B-SJ Datasheet HTML 6Page - Omron Electronics LLC D4NL-4FFA-B-SJ Datasheet HTML 7Page - Omron Electronics LLC D4NL-4FFA-B-SJ Datasheet HTML 8Page - Omron Electronics LLC D4NL-4FFA-B-SJ Datasheet HTML 9Page - Omron Electronics LLC D4NL-4FFA-B-SJ Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
D4NL
6
Characteristics
Note: 1. The above values are initial values.
2. The Switch contacts can be used with either standard loads or microloads. Once the contacts have been used to switch a load, however,
they cannot be used to switch smaller loads. The contact surfaces will become rough once they have been used and contact reliability
for smaller loads may be reduced.
*1. The degree of protection is tested using the method specified by the standard (EN60947-5-1). Confirm that sealing properties are sufficient for
the operating conditions and environment beforehand. Although the switch box is protected from dust or water penetration, do not use the
D4NL in places where foreign material may enter through the key hole on the head, otherwise Switch damage or malfunctioning may occur.
*2. The durability is for an ambient temperature of 5 to 35°C and an ambient humidity of 40% to 70%. For more details, consult your OMRON
representative.
*3. Do not pass the 3 A, 250 VAC load through more than 2 circuits.
*4. These figures are minimum requirements for safe operation.
*5. This figure is based on the GS-ET-19 evaluation method.
*6. This value will vary with the switching frequency, environment, and reliability level. Confirm that correct operation is possible with the actual
load beforehand.
Degree of protection
*1
IP67 (EN60947-5-1)
Durability
*2
Mechanical
1,000,000 operations min.
Electrical
500,000 operations min. (3 A resistive load at 250 VAC)
*3
Operating speed
0.05 to 0.5 m/s
Operating frequency
30 operations/minute max.
Direct opening force
*4
60 N min. (EN60947-5-1)
Direct opening travel
*4
10 mm min. (EN60947-5-1)
Holding force
*5
1,300 N min.
Contact resistance
25 m
Ω max. (per contact)
Minimum applicable load
*6
1 mA resistive load at 5 VDC (N-level reference value)
Rated insulation voltage (Ui)
300 V (EN60947-5-1)
Rated frequency
50/60 Hz
Protection against electric shock
Class II (double insulation)
Pollution degree (operating environment)
3 (EN60947-5-1)
Impulse withstand
voltage
(EN60947-5-1)
Between terminals of
same polarity
2.5 kV
Between terminals of
different polarity
4 kV
Between each
terminal and
non-current carrying
metallic parts
6 kV
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact gap
2
× 2 mm min.
Vibration
resistance
Malfunction
10 to 55 Hz, 0.75 mm single amplitude
Shock resistance
Destruction
1,000 m/s2 min.
Malfunction
100 m/s2 min.
Conditional short-circuit current
100 A (EN60947-5-1)
Conventional free air thermal current (Ith)
10 A (EN60947-5-1)
Ambient operating temperature
−10 to 55°C (with no icing)
Ambient operating humidity
95% max.
Weight
Approx. 370 g (D4NL-1AFA-B)


Similar Part No. - D4NL-4FFA-B-SJ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL-4FFA-B OMRON-D4NL-4FFA-B Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4NL-4FFA-B-SJ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
   Compact Non-contact Door Switch
D4NS-1BF OMRON-D4NS-1BF Datasheet
2Mb / 12P
   Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com