Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJM0335C1E4R1WB01D Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GJM0335C1E4R1WB01D
Description  Chip Monolithic Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJM0335C1E4R1WB01D Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GJM0335C1E4R1WB01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GJM0335C1E4R1WB01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GJM0335C1E4R1WB01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GJM0335C1E4R1WB01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GJM0335C1E4R1WB01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GJM0335C1E4R1WB01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GJM0335C1E4R1WB01D Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GJM0335C1E4R1WB01D Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GJM0335C1E4R1WB01D Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
92
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The part number code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
LxW [mm]
Rated Volt. [Vdc]
Capacitance
Tolerance
Part Number
25(
1E)
GJM0335C1E5R3WB01D
GJM0335C1E5R3BB01D
GJM0335C1E5R3CB01D
GJM0335C1E5R3DB01D
GJM0335C1E5R4WB01D
GJM0335C1E5R4BB01D
GJM0335C1E5R4CB01D
GJM0335C1E5R4DB01D
GJM0335C1E5R5WB01D
GJM0335C1E5R5BB01D
GJM0335C1E5R5CB01D
GJM0335C1E5R5DB01D
GJM0335C1E5R6WB01D
GJM0335C1E5R6BB01D
GJM0335C1E5R6CB01D
GJM0335C1E5R6DB01D
GJM0335C1E5R7WB01D
GJM0335C1E5R7BB01D
GJM0335C1E5R7CB01D
GJM0335C1E5R7DB01D
GJM0335C1E5R8WB01D
GJM0335C1E5R8BB01D
GJM0335C1E5R8CB01D
GJM0335C1E5R8DB01D
GJM0335C1E5R9WB01D
GJM0335C1E5R9BB01D
GJM0335C1E5R9CB01D
GJM0335C1E5R9DB01D
GJM0335C1E6R0WB01D
GJM0335C1E6R0BB01D
GJM0335C1E6R0CB01D
GJM0335C1E6R0DB01D
GJM0335C1E6R1WB01D
GJM0335C1E6R1BB01D
GJM0335C1E6R1CB01D
GJM0335C1E6R1DB01D
GJM0335C1E6R2WB01D
GJM0335C1E6R2BB01D
GJM0335C1E6R2CB01D
GJM0335C1E6R2DB01D
GJM0335C1E6R3WB01D
GJM0335C1E6R3BB01D
GJM0335C1E6R3CB01D
GJM0335C1E6R3DB01D
50(
1H)
GJM1555C1H5R3WB01D
GJM1555C1H5R3BB01D
GJM1555C1H5R3CB01D
GJM1555C1H5R3DB01D
GJM1555C1H5R4WB01D
GJM1555C1H5R4BB01D
GJM1555C1H5R4CB01D
GJM1555C1H5R4DB01D
GJM1555C1H5R5WB01D
GJM1555C1H5R5BB01D
GJM1555C1H5R5CB01D
GJM1555C1H5R5DB01D
GJM1555C1H5R6WB01D
GJM1555C1H5R6BB01D
GJM1555C1H5R6CB01D
GJM1555C1H5R6DB01D
GJM1555C1H5R7WB01D
GJM1555C1H5R7BB01D
GJM1555C1H5R7CB01D
GJM1555C1H5R7DB01D
GJM1555C1H5R8WB01D
GJM1555C1H5R8BB01D
GJM1555C1H5R8CB01D
GJM1555C1H5R8DB01D
GJM1555C1H5R9WB01D
GJM1555C1H5R9BB01D
GJM1555C1H5R9CB01D
GJM1555C1H5R9DB01D
GJM1555C1H6R0WB01D
GJM1555C1H6R0BB01D
GJM1555C1H6R0CB01D
GJM1555C1H6R0DB01D
GJM1555C1H6R1WB01D
GJM1555C1H6R1BB01D
GJM1555C1H6R1CB01D
GJM1555C1H6R1DB01D
GJM1555C1H6R2WB01D
GJM1555C1H6R2BB01D
GJM1555C1H6R2CB01D
GJM1555C1H6R2DB01D
GJM1555C1H6R3WB01D
GJM1555C1H6R3BB01D
GJM1555C1H6R3CB01D
GJM1555C1H6R3DB01D
0.6x0.3(
03)<0201>
1.0x0.5(
15)<0402>
5.3pF(
5R3)
5.4pF(
5R4)
5.5pF(
5R5)
5.6pF(
5R6)
5.7pF(
5R7)
5.8pF(
5R8)
5.9pF(
5R9)
6.0pF(
6R0)
6.1pF(
6R1)
6.2pF(
6R2)
6.3pF(
6R3)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
Temperature Compensating Type C0G(5C) Characteristics
GJM0335C1E5R2WB01D
GJM0335C1E5R2BB01D
GJM0335C1E5R2CB01D
GJM0335C1E5R2DB01D
GJM1555C1H5R2WB01D
GJM1555C1H5R2BB01D
GJM1555C1H5R2CB01D
GJM1555C1H5R2DB01D
5.2pF(
5R2)
±0.05pF(W)
±0.1pF(B)
±0.25pF(C)
±0.5pF(D)
GJ
M
03
3
5C
1E
5R2 W
B01 D
Packaging Code in Part Number shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimensions (LxW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Packaging
(Part Number)
w
q
e r t y
u i
o !0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GJM0335C1E4R1WB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GJM0335C1E4R1WB01 MURATA-GJM0335C1E4R1WB01 Datasheet
730Kb / 25P
   Chip Monolithic Ceramic Capacitor High-Q Type for General
More results

Similar Description - GJM0335C1E4R1WB01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com