Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7935SIT Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SPT7935SIT
Description  12-BIT, 20 MSPS, 79 mW A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7935SIT Datasheet(HTML) 6 Page - Fairchild Semiconductor

  SPT7935SIT Datasheet HTML 1Page - Fairchild Semiconductor SPT7935SIT Datasheet HTML 2Page - Fairchild Semiconductor SPT7935SIT Datasheet HTML 3Page - Fairchild Semiconductor SPT7935SIT Datasheet HTML 4Page - Fairchild Semiconductor SPT7935SIT Datasheet HTML 5Page - Fairchild Semiconductor SPT7935SIT Datasheet HTML 6Page - Fairchild Semiconductor SPT7935SIT Datasheet HTML 7Page - Fairchild Semiconductor SPT7935SIT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
7/12/00
SPT7935
COMMON MODE VOLTAGE
REFERENCE CIRCUIT
The SPT7935 has an on-board common mode voltage refer-
ence circuit (VCM). It is typically one-half of the supply voltage
and can drive loads of up to 20
µA. This circuit is commonly
used to drive the center tap of the RF transformer in fully
differential applications. For single-ended applications, this
output can be used to provide the level shifting required for
the single-to-differential converter conversion circuit.
BIAS CURRENT CIRCUITS
The bias currents suggested (Bias 1 and Bias 2 in figure 2)
optimize device performance for the stated sample rate of
20 MSPS. To achieve the best dynamic performance when
operating the device at sample rates other than 20 MSPS, the
bias current levels should be adjusted. Table I shows the
settings for Bias 1 and Bias 2 for selected sample rates. The
“Bias Voltage vs Bias Current” graphs on page 4 show the
relationship between the bias current and the bias voltage.
Table I – Sample Rate Settings
Sample Rate (MHz)
Bias 1 (
µA)
Bias 2 (
µA)
1
20
3.5
5
50
6.5
10
80
8.0
20
90
9.5
The AC coupled input is most conveniently implemented
using a transformer with a center tapped secondary winding.
The center tap is connected to the VCM pin as shown in
figure 2. To obtain low distortion, it is important that the
selected transformer does not exhibit core saturation at the
full-scale voltage. Proper termination of the input is important
for input signal purity. A small capacitor across the inputs
attenuates kickback noise from the internal sample and hold.
Figure 3 illustrates a solution (based on operational amplifi-
ers) that can be used if a DC coupled single-ended input is
desired. The selection criteria of the buffer op-amps is as
follows:
– Open loop gain >75 dB
– Gain bandwidth product >50 MHz
– Total harmonic distortion
≤–75 dB
– Signal to noise ratio >75 dB
POWER SUPPLIES AND GROUNDING
The SPT7935 is operated from a single power supply in the
range of 2.8 to 3.6 volts. Nominal operation is suggested to
be 3.3 volts. All power supply pins should be bypassed as
close to the package as possible. The analog and digital
grounds should be connected together with a ferrite bead as
shown in the typical interface circuit and as close to the ADC
as possible.
REFERENCES
The SPT7935 has a differential analog input. The voltages
applied to the VREF+ and VREF- pins determine the input
voltage range and are equal to
±(VREF+ – VREF–). This
voltage range will be symmetric about the common mode
voltage. Externally generated reference voltages must be
connected to these pins. (See figure 2, Typical Interface
Circuit.) For best performance, these voltages should be
symmetrical about the midpoint of the supply voltage.
VCM
R3
(R3)/2
+
Input
Voltage
(
±0.5 V)
R3
R
R2
R2
+
+
R
RR
51
51
R
ADC
VIN+
VIN–
15 pF
51
Figure 3 – DC-Coupled Single Ended to Differential Conversion (Power Supplies and Bypassing are Not Shown)


Similar Part No. - SPT7935SIT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7935SIT CADEKA-SPT7935SIT Datasheet
156Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results

Similar Description - SPT7935SIT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com