Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201MRX7R7BB333 Datasheet(PDF) 11 Page - YAGEO Corporation

Part # 0201MRX7R7BB333
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

0201MRX7R7BB333 Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button 0201MRX7R7BB333 Datasheet HTML 7Page - YAGEO Corporation 0201MRX7R7BB333 Datasheet HTML 8Page - YAGEO Corporation 0201MRX7R7BB333 Datasheet HTML 9Page - YAGEO Corporation 0201MRX7R7BB333 Datasheet HTML 10Page - YAGEO Corporation 0201MRX7R7BB333 Datasheet HTML 11Page - YAGEO Corporation 0201MRX7R7BB333 Datasheet HTML 12Page - YAGEO Corporation 0201MRX7R7BB333 Datasheet HTML 13Page - YAGEO Corporation 0201MRX7R7BB333 Datasheet HTML 14Page - YAGEO Corporation 0201MRX7R7BB333 Datasheet HTML 15Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.yageo.com
Oct 13, 2011 V.8
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
11
20
Product specification
X7R
15
5
−15
YNM0013
−25
−55
5
40
95
65
125
T (oC)
10
−10
ΔC
C
(%)
−5
0
Fig. 3
Typical capacitance change as a function of
temperature


Similar Part No. - 0201MRX7R7BB333

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
0201 KEMET-0201 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
0201 PANASONIC-0201 Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
M/A-COM Technology Solu...
0201 MA-COM-0201 Datasheet
131Kb / 3P
   Type CRG Series
logo
Zibo Seno Electronic En...
02010BQ ZSELEC-02010BQ Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
More results

Similar Description - 0201MRX7R7BB333

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com