Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1809
Description  Gain-Bandwidth Product: 325MHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1809 Datasheet HTML 3Page - Linear Technology LT1809 Datasheet HTML 4Page - Linear Technology LT1809 Datasheet HTML 5Page - Linear Technology LT1809 Datasheet HTML 6Page - Linear Technology LT1809 Datasheet HTML 7Page - Linear Technology LT1809 Datasheet HTML 8Page - Linear Technology LT1809 Datasheet HTML 9Page - Linear Technology LT1809 Datasheet HTML 10Page - Linear Technology LT1809 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT1806/LT1807
7
18067fc
TA = 25°C. VS = ±5V, VSHDN = open; VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
VCM = V
VCM = V+ (LT1806 SOT-23)
VCM = V (LT1806 SOT-23)
100
100
100
100
700
700
750
750
μV
μV
μV
μV
ΔVOS
Input Offset Voltage Shift
VCM = V to V+
VCM = V to V+ (LT1806 SOT-23)
50
50
700
750
μV
μV
Input Offset Voltage Match (Channel-to-Channel)
(Note 10)
VCM = V , VCM = V+
200
1200
μV
IB
Input Bias Current
VCM = V+
VCM = V + 0.2V
–14
1
–5
5μA
μA
ΔIB
Input Bias Current Shift
VCM = V + 0.2V to V+
619
μA
Input Bias Current Match (Channel-to-Channel)
(Note 10)
VCM = V+
VCM = V + 0.2V
0.03
0.05
1.4
3.2
μA
μA
IOS
Input Offset Current
VCM = V+
VCM = V + 0.2V
0.03
0.04
0.7
1.6
μA
μA
ΔIOS
Input Offset Current Shift
VCM = V + 0.2V to V+
0.07
2.3
μA
Input Noise Voltage
0.1Hz to 10Hz
800
nVp-p
en
Input Noise Voltage Density
f = 10kHz
3.5
nV/√Hz
in
Input Noise Current Density
f = 10kHz
1.5
pA/√Hz
CIN
Input Capacitance
f = 10kHz
2
pF
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
VO = –2.5V to 2.5V, RL = 100Ω
100
10
300
27
V/mV
V/mV
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the –40°C < T
A < 85°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISHDN
SHDN Pin Current
VS = 5V, VSHDN = 0.3V
VS = 3V, VSHDN = 0.3V
l
l
170
120
450
400
μA
μA
Shutdown Output Leakage Current
VSHDN = 0.3V
l
1.2
μA
VL
SHDN Pin Input Voltage Low
l
0.3
V
VH
SHDN Pin Input Voltage High
l V+ – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω
l
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω
l
50
ns
GBW
Gain-Bandwidth Product
Frequency = 6MHz
l
250
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL= 1k, VO = 4V
l
80
V/μs
FPBW
Full-Power Bandwidth
VS = 5V, VO = 4VP-P
l
6
MHz


Similar Part No. - LT1809

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1809 LINER-LT1809 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
LT1809 LINER-LT1809 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1809 LINER-LT1809 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
LT1809CS6 LINER-LT1809CS6 Datasheet
269Kb / 24P
   Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
More results

Similar Description - LT1809

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
   Gain bandwidth product
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
   High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
   High Gain-Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
   High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
   High Gain Bandwidth Product
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
   High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
2SC5090 ISC-2SC5090 Datasheet
322Kb / 7P
   High Gain Bandwidth Product
2SC4197 ISC-2SC4197 Datasheet
214Kb / 6P
   High Gain Bandwidth Product
2SC5089 ISC-2SC5089 Datasheet
319Kb / 7P
   High Gain Bandwidth Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com