Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24443 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 24443
Description  METRIC STANDOFFS AND SPACERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24443 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  24443 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
MALE/FEMALE
FEMALE
CAT. NO.
L
CAT. NO.
5.0 HEX (M3 THREAD)
6.0
25508
8.0
25509
25501
10.0
25510
25502
12.0
25511
25503
15.0
25512
25504
18.0
25513
25505
20.0
25514
25506
25.0
25515
6.0
25528
8.0
25529
25521
10.0
25530
25522
12.0
25531
25523
15.0
25532
25524
18.0
25533
25525
20.0
25534
25526
25.0
25535
Note: Female standoffs longer than
19mm may be tapped from both ends
6.0 HEX DIA. (M4 THREAD)
——
5.0
24490
24410
24450
——
6.0
24491
24411
24451
——
8.0
24492
24412
24452
24301** 24325**
24349**
10.0
24493
24413
24453
24302*
24326*
24350*
12.0
24494
24414
24454
24303
24327
24351
15.0
24495
24415
24455
24304
24328
24352
18.0
24496
24416
24456
24305
24329
24353
20.0
24497
24417
24457
24306
24330
24354
25.0
24498
24418
24458
5.5 HEX DIA. (M3 THREAD)
——
5.0
24480
24400
24440
——
6.0
24481
24401
24441
——
8.0
24482
24402
24442
24295
24319
24343
10.0
24483
24403
24443
24296
24320
24344
12.0
24484
24404
24444
24297
24321
24345
15.0
24485
24405
24445
24298
24322
24346
18.0
24486
24406
24446
24299
24323
24347
20.0
24487
24407
24447
24300
24324
24348
25.0
24488
24408
24448
5.0 HEX DIA. (M3 THREAD)
——
5.0
24470
24390
24430
——
6.0
24471
24391
24431
——
8.0
24472
24392
24432
24289
24313
24337
10.0
24473
24393
24433
24290
24314
24338
12.0
24474
24394
24434
24291
24315
24339
15.0
24475
24395
24435
24292
24316
24340
18.0
24476
24396
24436
24293
24317
24341
20.0
24477
24397
24437
24294
24318
24342
25.0
24478
24398
24438
THREAD
SIZE
TL
A
M2.5
4.0
5.0
M3
8.0
8.0
M4
10.0
11.0
MALE/FEMALE
* Internal Thread: 8.0mm deep
** Internal Thread: 6.0mm deep
Material: Nylon: 6/6, UL Rated 94V-2
Choice of: Steel, Zinc Plate Nylon: 6/6, UL Rated 94V-2
CAT. NO.
L DIM
8843
3.0
8844
4.0
8845
6.0
8846
8.0
8847
10.0
8848
12.0
8849
14.0
8850
16.0
8851
18.0
STEEL
NYLON 6/6
CAT. NO.
L
CAT. NO.
M2.5 THREAD
29301
6.00
29331
29304
12.00
29334
29306
16.00
29336
M3 THREAD
29311
6.00
29341
29314
12.00
29344
29316
16.00
29346
29318
25.00
29348
M4 THREAD
29321
6.00
29351
29324
12.00
29354
29326
16.00
29356
29328
25.00
29358
One end locks into chassis, the other end locks into the PC Board.
CHOICE OF:
Stainless: ASTM A581/A582
Brass: ASTM-B16
Aluminum: QQ-Q-225/3
Plating: Nickel
Plating: Clear Iridite
(QQ-N-290)
(Mil-C-5541)
L
FOR 1,57
THICK PCB
FOR 1,57
CHASSIS
4,83
3,18
6,00
FOR 4,00 DIA.
MOUNTING HOLE
FOR 4,00 DIA.
MOUNTING HOLE
Material: Nylon 6/6, UL Rated 94V-2
FEMALE
MALE/FEMALE
FEMALE
4.00 mm
MALE/FEMALE
FEMALE
STAINLESS BRASS ALUMINUM
STAINLESS BRASS ALUMINUM
CAT. NO.
CAT. NO.
CAT. NO.
L
CAT. NO.
CAT. NO.
CAT. NO.
4.5 HEX DIA. (M2.5 THREAD)
——
5.0
24460
24380
24420
——
6.0
24461
24381
24421
——
8.0
24462
24382
24422
24283
24307
24331
10.0
24463
24383
24423
24284
24308
24332
12.0
24464
24384
24424
24285
24309
24333
15.0
24465
24385
24425
24286
24310
24334
18.0
24466
24386
24426
24287
24311
24335
20.0
24467
24387
24427
24288
24312
24336
25.0
24468
24388
24428
5.5 HEX (M4 THREAD)
L
A
TL
THREAD
THREAD
A
L
A
HEX
THREAD
HEX
THREAD
L
L
THREAD
HEX
THREAD
HEX
THREAD
L
Note: Female standoffs longer than 19mm may be tapped from both ends
METRIC STANDOFFS
METRIC NYLON STANDOFFS
METRIC NYLON LOCK-IN SUPPORT
METRIC SCREWS
M60 Section 4 FREV3:9-2011
12/20/11
1:32 PM
Page 72


Similar Part No. - 24443

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2444 PULSE-2444 Datasheet
193Kb / 5P
   SWITCH-MODE TRANSFORMER GUIDE
logo
Heyco.
2444 HEYCO-2444 Datasheet
151Kb / 1P
   Extra Dome Plugs
logo
Lapp.
24441271 LAPP-24441271 Datasheet
231Kb / 3P
   EPIC® POWER LS1 D6 3PE4 TWIST
18.09.2020
logo
STEGO Elektrotechnik Gm...
244422 STEGO-244422 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
244423 STEGO-244423 Datasheet
934Kb / 3P
   VARIOLINE LAMP WITH SOCKET
20.07.2022
More results

Similar Description - 24443

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24422 ETC2-24422 Datasheet
115Kb / 2P
   METRIC STANDOFFS AND SPACERS
24406 ETC2-24406 Datasheet
355Kb / 1P
   METRIC STANDOFFS AND SPACERS
1483 ETC2-1483 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Harwin Plc
R40-6710594 HARWIN-R40-6710594 Datasheet
88Kb / 1P
   Metric Spacers
R40-6000402 HARWIN-R40-6000402 Datasheet
2Mb / 1P
   Metric Spacers
R40-6711294 HARWIN-R40-6711294 Datasheet
88Kb / 1P
   Metric Spacers
R30-1611100 HARWIN-R30-1611100 Datasheet
2Mb / 1P
   Metric & Imperial Spacers
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
   HEAT SINKS AND STANDOFFS
logo
List of Unclassifed Man...
LED3-16 ETC2-LED3-16 Datasheet
110Kb / 2P
   LED3 Series - LED Spacers and Holders
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
   NYLON SPACERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com