Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR43-3R3 Datasheet(PDF) 5 Page - Linear Technology

Part # CR43-3R3
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CR43-3R3 Datasheet(HTML) 5 Page - Linear Technology

  CR43-3R3 Datasheet HTML 1Page - Linear Technology CR43-3R3 Datasheet HTML 2Page - Linear Technology CR43-3R3 Datasheet HTML 3Page - Linear Technology CR43-3R3 Datasheet HTML 4Page - Linear Technology CR43-3R3 Datasheet HTML 5Page - Linear Technology CR43-3R3 Datasheet HTML 6Page - Linear Technology CR43-3R3 Datasheet HTML 7Page - Linear Technology CR43-3R3 Datasheet HTML 8Page - Linear Technology CR43-3R3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3474/LT3474-1
5
3474fd
TYPICAL PERFORMANCE CHARACTERISTICS
Schottky Reverse Leakage
Schottky Forward Voltage Drop
Open-Circuit Output Voltage and
Input Current
Minimum Input Voltage,
One White Luxeon III Star
Minimum Input Voltage,
Two Series Connected White
Luxeon III Stars
Boost Pin Current
Quiescent Current
Reference Voltage
TEMPERATURE (°C)
–50
0
5
10
15
20
–25
0
25
50
3474 G15
75
100
125
VR = 5V
VIN (V)
0
0
10
20
30
40
50
60
0
1
2
3
4
5
6
8
7
10
20
30
40
3474 G16
TA = 25°C
OUTPUT VOLTAGE
INPUT CURRENT
LT3474
LT3474-1
LT3474-1
LT3474
LED CURRENT (mA)
0
0
1
2
3
4
5
6
200
400
600
800
3474 G17
1000
TA = 25°C
TO START
LED VOLTAGE
TO RUN
LED CURRENT (mA)
0
8
9
10
800
3474 G18
7
6
5
200
400
600
1000
TO RUN
TA = 25°C
TO START
LED VOLTAGE
FORWARD VOLTAGE (mV)
0
300
400
500
800
3474 G19
200
100
0
200
400
600
1000
TA = 25°C
SWITCH CURRENT (mA)
0
0
10
20
30
40
60
250
500
750
1000
3473 G12
1250
1500
50
TA = 25°C
VIN (V)
0
0
0.5
1.0
1.5
2.0
3.0
6
12
18
24
3474 G13
30
36
2.5
TA = 25°C
TEMPERATURE (°C)
–50
–25
1.235
1.245
1.260
0
50
75
3474 G14
1.240
1.255
1.250
25
100
125


Similar Part No. - CR43-3R3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
CR43-150 LINER-CR43-150 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
CR43-220 LINER-CR43-220 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
logo
Monolithic Power System...
CR43-4R7 MPS-CR43-4R7 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
CR43-4R7 MPS-CR43-4R7 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - CR43-3R3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478-1 LINER-LT3478-1_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478 Datasheet
288Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
logo
SHENZHEN FUMAN ELECTRON...
FM7609 FUMAN-FM7609 Datasheet
258Kb / 7P
   Non-isolated step-down PWM dimming color temperature LED constant current driver IC
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
SHENZHEN FUMAN ELECTRON...
TC3085CL FUMAN-TC3085CL Datasheet
738Kb / 8P
   Switch dimming / color linear LED constant current driver chip
logo
List of Unclassifed Man...
3200124 ETC2-3200124 Datasheet
51Kb / 3P
   Ferrules with plastic sleeve, color range 1
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7169 HMSEMI-HM7169 Datasheet
1Mb / 15P
   Segment dimming/color adjustment LED linear constant current control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com