Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1761
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1761 Datasheet HTML 4Page - Linear Technology LT1761 Datasheet HTML 5Page - Linear Technology LT1761 Datasheet HTML 6Page - Linear Technology LT1761 Datasheet HTML 7Page - Linear Technology LT1761 Datasheet HTML 8Page - Linear Technology LT1761 Datasheet HTML 9Page - Linear Technology LT1761 Datasheet HTML 10Page - Linear Technology LT1761 Datasheet HTML 11Page - Linear Technology LT1761 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
PI FU CTIO S
OUT (Pins 1, 2): These pins supply power to the load. Use
a minimum output capacitor of 2.2
µFtopreventoscillations.
Applications with large load transients require larger out-
put capacitors to limit peak voltage transients. See the
Applications Information section for more information on
output capacitance and reverse output characteristics.
OUT (Pin 3, Fixed Voltage Device Only): This pin is the
sense point for the internal resistor divider. It should be
tied directly to the other OUT pins (1, 2) for best results.
ADJ (Pin 3, Adjustable Device Only): This pin is the
inverting terminal to the error amplifier. Its typical input
bias current of 20nA flows out of the pin (see curve of ADJ
Pin Bias Current vs Temperature in the Typical Perfor-
mance Characteristics). The ADJ pin reference voltage is
200mV (referred to GND).
GND (Pin 4): Ground.
SHDN (Pin 5): The SHDN pin puts the LT3020 into a low
power state. Pulling the SHDN pin low turns the output off.
Drive the SHDN pin with either logic or an open collector/
drain device with a pull-up resistor. The pull-up resistor
supplies the pull-up current to the open collector/drain
logic, normally several microamperes, and the SHDN pin
current, typically 2.3
µA. If unused, connect the SHDN pin
to VIN. The LT3020 does not function if the SHDN pin is not
connected.
IN (Pins 7, 8): These pins supply power to the device. The
LT3020 requires a bypass capacitor at IN if it is more than
six inches away from the main input filter capacitor. The
output impedance of a battery rises with frequency, so
include a bypass capacitor in battery-powered circuits. A
bypass capacitor in the range of 2.2
µFto10µFsuffices.The
LT3020 withstands reverse voltages on the IN pin with
respect to ground and the OUT pin. In the case of a reversed
input, which occurs if a battery is plugged in backwards,
the LT3020 acts as if a diode is in series with its input. No
reverse current flows into the LT3020 and no reverse volt-
age appears at the load. The device protects itself and the
load.
GND (Pin 9, DD8 Package Only): Ground. Solder Pin 9
(the exposed pad) to the PCB. Connect directly to Pin 4 for
best performance.
RMS Output Noise vs Load
Current (10Hz to 100kHz)
LOAD CURRENT (mA)
300
250
200
150
100
50
0
0.01
1
10
100
3020 G19
0.1
VOUT = 1.2V
COUT = 2.2µF
No-Load Recovery Threshold
OUTPUT OVERSHOOT (%)
0
18
16
12
14
10
8
6
4
2
0
3020 G20
15
10
5
20
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1761 LINER-LT1761 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1761 LINER-LT1761 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1761 LINER-LT1761 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
More results

Similar Description - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com