Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11210 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11210
Description  24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11210 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11210 Datasheet HTML 1Page - Maxim Integrated Products MAX11210 Datasheet HTML 2Page - Maxim Integrated Products MAX11210 Datasheet HTML 3Page - Maxim Integrated Products MAX11210 Datasheet HTML 4Page - Maxim Integrated Products MAX11210 Datasheet HTML 5Page - Maxim Integrated Products MAX11210 Datasheet HTML 6Page - Maxim Integrated Products MAX11210 Datasheet HTML 7Page - Maxim Integrated Products MAX11210 Datasheet HTML 8Page - Maxim Integrated Products MAX11210 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Maxim Integrated
24-Bit, Single-Channel, Ultra-Low-Power, Delta
Sigma ADC with 2-Wire Serial Interface
MAX11202
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +3.6V, VDVDD = +1.8V, VREFP - VREFN = VAVDD; internal clock, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25NC under normal conditions, unless otherwise noted.)
Note 2: These specifications are not fully tested and are guaranteed by design and/or characterization.
Note 3: VAINP = VAINN.
Note 4: ppmFSR is parts per million of full-scale range.
Note 5: Positive full-scale error includes zero-scale errors.
Note 6: The MAX11202A has no normal-mode rejection at 50Hz or 60Hz.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Rising Edge Data Hold
Time
t4
Allows for positive edge data read
3
ns
RDY/DOUT Fall to SCLK Rising
Edge
t5
0
ns
Next Data Update Time;
No Read Allowed
t6
MAX11202A
155
F
s
MAX11202B
169
Data Conversion Time
t7
MAX11202A
8.6
ms
MAX11202B
73
Data Ready Time After Calibration
Starts (CAL + CNV)
t8
MAX11202A
208.3
ms
MAX11202B
256.1
SCLK High After RDY/DOUT
Goes Low to Activate Sleep Mode
t9
MAX11202A
0
8.6
ms
MAX11202B
0
73
Time from RDY/DOUT Low to
SCLK High for Sleep-Mode
Activation
t10
MAX11202A
0
8.6
ms
MAX11202B
0
73
Data Ready Time After Wake-Up
from Sleep Mode
t11
MAX11202A
8.6
ms
MAX11202B
73
Data Ready Time After Calibration
from Sleep Mode Wake-Up (CAL
+ CNV)
t12
MAX11202A
208.4
ms
MAX11202B
256.2


Similar Part No. - MAX11210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11210 MAXIM-MAX11210 Datasheet
2Mb / 27P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 0; 6/10
MAX11210 MAXIM-MAX11210 Datasheet
1Mb / 27P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 1; 10/12
MAX11210 MAXIM-MAX11210 Datasheet
1Mb / 14P
   18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11210EEE MAXIM-MAX11210EEE Datasheet
1Mb / 19P
   MAX11213 Evaluation Kits
Rev 0; 9/10
MAX11210EEE++ MAXIM-MAX11210EEE+ Datasheet
2Mb / 27P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 0; 6/10
More results

Similar Description - MAX11210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11202 MAXIM-MAX11202 Datasheet
1Mb / 14P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11201 MAXIM-MAX11201 Datasheet
1Mb / 14P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 6/10
MAX11208 MAXIM-MAX11208 Datasheet
1Mb / 14P
   20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212 Datasheet
1Mb / 14P
   18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11205 MAXIM-MAX11205 Datasheet
1Mb / 14P
   16-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212_12 Datasheet
1Mb / 14P
   18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212_V01 Datasheet
944Kb / 14P
   18-Bit, Single-Channel, Ultra-Low Power, Delta- Sigma ADC with 2-Wire Serial Interface
2018
MAX11208 MAXIM-MAX11208_V01 Datasheet
1Mb / 14P
   20-Bit, Single-Channel, Ultra-Low-Power,Delta-Sigma ADC with 2-Wire Serial Interface
2021
logo
Analog Devices
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com