Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB240EA-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SB240EA-G
Description  ESD Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB240EA-G Datasheet(HTML) 1 Page - Comchip Technology

  SB240EA-G Datasheet HTML 1Page - Comchip Technology SB240EA-G Datasheet HTML 2Page - Comchip Technology SB240EA-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Leaded Schottky Barrier Rectifiers
QW-BB058
Page 1
REV:A
Parameter
Symbol
Unit
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=75°C, See Figure 1
Peak forward surge current
8.3ms single half sine-wave superimposed on rated load
(JEDEC method) TL=110°C
Maximum f
2.0A (Note 1)
orward voltage at
Maximum DC reverse current
TA=25°C
At rated DC blocking voltage
TA=100°C
Typical junction capacitance (Note 2)
Operating junction temperature range
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ
-65 to +150
V
V
V
A
A
V
pF
°C/W
mA
NOTES:
1. Pulse test : 300µS pulse width, 1% duty cycle.
2.
.
Measured at 1.0MHz and applied reverse voltage of 4.0 Volts
Voltage: 20 to 100 V
Current: 2.0 A
RoHS Device
SB220E-G Thru. SB2100E-G
Dimensions in inches and (millimeter)
DO-15
Features
Mechanical data
Storage temperature range
Comchip Technology CO., LTD.
3. Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted 0.375” (9.5mm) lead length
TSTG
°C
°C
Typical t
(Note 3)
hermal resistance
RθJA
RθJL
20
20
40
40
45
45
50
50
60
60
80
80
100
100
14
28
30
35
42
56
70
2.0
-65 to +150
-65 to +125
10
20
50.0
25.0
0.5
0.50
0.85
0.70
170
50
1.0(25.4) Min.
1.0(25.4) Min.
0.299(7.6)
0.228(5.8)
0.142(3.6)
0.102(2.6)
0.034(0.86)
0.028(0.70)
SB
220E-G
SB
240E-G
SB
245E-G
SB
250E-G
SB
260E-G
SB
2100E-G
SB
280E-G
-
.
Low drop down voltage
-For use in low voltage, high frequency invertors free
.
wheeling and polarity protection
-
.
Silicon epitaxial planar chips
-Epoxy: UL94 -0 rated flame retardant
V
-Case: Molded plastic body DO-15
-Terminals: Solderable per MIL-STD-750 Method 2026
-Polarity: Color band denotes cathode end
-Mounting Position: Any
-Weight: 0.4grams
-ESD test under IEC6100-4-2 :
Standard: >15KV(Air) & 8KV(Contact)
Maximum Ratings and Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - SB240EA-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB240E PANJIT-SB240E Datasheet
64Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB240E SIRECT-SB240E Datasheet
237Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240E SIRECT-SB240E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
logo
Pan Jit International I...
SB240E PANJIT-SB240E Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB240EH SIRECT-SB240EH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
More results

Similar Description - SB240EA-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB260E-G COMCHIP-SB260E-G Datasheet
452Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com