Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3010 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3010
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 2 Page - Linear Technology

  LT3010 Datasheet HTML 1Page - Linear Technology LT3010 Datasheet HTML 2Page - Linear Technology LT3010 Datasheet HTML 3Page - Linear Technology LT3010 Datasheet HTML 4Page - Linear Technology LT3010 Datasheet HTML 5Page - Linear Technology LT3010 Datasheet HTML 6Page - Linear Technology LT3010 Datasheet HTML 7Page - Linear Technology LT3010 Datasheet HTML 8Page - Linear Technology LT3010 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
(Note 1)
IN Pin Voltage ........................................................
±10V
OUT Pin Voltage ....................................................
±10V
Input-to-Output Differential Voltage .......................
±10V
ADJ Pin Voltage ....................................................
±10V
SHDN Pin Voltage .................................................
±10V
Output Short-Circut Duration .......................... Indefinite
Operating Junction Temperature Range
(Notes 2, 3) .......................................... – 40
°C to 125°C
Storage Temperature Range
DD .................................................... – 65
°C to 125°C
MS8 .................................................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 35°C/ W*, θJC = 3°C/ W
EXPOSED PAD IS GND (PIN 9) CONNECT TO PIN 4
*SEE THE APPLICATIONS INFORMATION SECTION
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT
OUT
ADJ
GND
IN
IN
NC
SHDN
1
2
3
4
OUT
OUT
ADJ
GND
8
7
6
5
IN
IN
NC
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 125°C/ W, θJC = 40°C/ W
SEE THE APPLICATIONS INFORMATION SECTION
LT3020EDD
LT3020IDD
ORDER PART NUMBER
DD PART MARKING
LAEX
LBYH
LT3020EDD-1.2
LT3020EDD-1.5
LT3020EDD-1.8
LT3020IDD-1.2
LT3020IDD-1.5
LT3020IDD-1.8
DD PART MARKING
LBKC
LBKD
LBKF
LBYJ
LBYK
LBYM
TJMAX = 125°C, θJA = 35°C/ W*, θJC = 3°C/ W
EXPOSED PAD IS GND (PIN 9) CONNECT TO PIN 4
*SEE THE APPLICATIONS INFORMATION SECTION
LT3020EMS8
LT3020IMS8
LT3020EMS8-1.2
LT3020EMS8-1.5
LT3020EMS8-1.8
LT3020IMS8-1.2
LT3020IMS8-1.5
LT3020IMS8-1.8
MS8 PART MARKING
LTBKG
LTBKH
LTBKJ
LTBYP
LTBYQ
LTBYR
MS8 PART MARKING
LTAGL
LTBYN
TJMAX = 150°C, θJA = 125°C/ W, θJC = 40°C/ W
SEE THE APPLICATIONS INFORMATION SECTION
1
2
3
4
OUT
OUT
OUT
GND
8
7
6
5
IN
IN
NC
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT
OUT
OUT
GND
IN
IN
NC
SHDN
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.


Similar Part No. - LT3010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3010 LINER-LT3010 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
logo
Linear Dimensions Semic...
LT3010 LINEAR_DIMENSIONS-LT3010 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com