Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1310 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1310
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1310 Datasheet HTML 3Page - Linear Technology LT1310 Datasheet HTML 4Page - Linear Technology LT1310 Datasheet HTML 5Page - Linear Technology LT1310 Datasheet HTML 6Page - Linear Technology LT1310 Datasheet HTML 7Page - Linear Technology LT1310 Datasheet HTML 8Page - Linear Technology LT1310 Datasheet HTML 9Page - Linear Technology LT1310 Datasheet HTML 10Page - Linear Technology LT1310 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3580
7
3580fg
OPERATION
Figure 1. SEPIC Topology Allows for the Input to Span
the Output Voltage. Coupled or Uncoupled Inductors
Can Be Used. Follow Noted Phasing if Coupled
Figure 2. Dual Inductor Inverting Topology Results in
Low Output Ripple. Coupled or Uncoupled Inductors
Can Be Used. Follow Noted Phasing if Coupled
D1
SHUTDOWN
L2
C3
L1
R1
VIN > VOUT
OR
VIN = VOUT
OR
VIN < VOUT
VOUT
VIN
SW
3580 F01
LT3580
RT
RC
C2
SHDN
GND
FB
VC
SYNC
SS
RT
CC
CSS
C1
+
+
D1
SHUTDOWN
C3
L1
R1
VIN
VOUT
VIN
SW
3580 F02
LT3580
RT
RC
C2
SHDN
GND
FB
VC
SYNC
SS
RT
CC
CSS
C1
L2
+
+
••
SEPIC Topology
The LT3580 can be configured as a SEPIC (single-ended
primary inductance converter). This topology allows for
the input to be higher, equal, or lower then the desired
output voltage. Output disconnect is inherently built into
the SEPIC topology, meaning no DC path exists between the
input and output. This is useful for applications requiring
the output to be disconnected from the input source when
the circuit is in shutdown.
Inverting Topology
The LT3580 can also work in a dual inductor inverting
topology. The part’s unique feedback pin allows for the
inverting topology to be built by simply changing the
connection of external components. This solution results
in very low output voltage ripple due to inductor L2 in
series with the output. Abrupt changes in output capacitor
current are eliminated because the output inductor deliv-
ers current to the output during both the off-time and the
on-time of the LT3580 switch.
Start-Up Operation
Several functions are provided to enable a very clean
start-up for the LT3580.
• First, the SHDN pin voltage is monitored by an internal
voltage reference to give a precise turn-on voltage level.
An external resistor (or resistor divider) can be connected
from the input power supply to the SHDN pin to provide
a user-programmable undervoltage lockout function.
• Second, the soft-start circuitry provides for a gradual
ramp-up of the switch current. When the part is brought
out of shutdown, the external SS capacitor is first
discharged (providing protection against SHDN pin
glitches and slow ramping), then an integrated 275k
resistor pulls the SS pin up to ~2.2V. By connecting an
external capacitor to the SS pin, the voltage ramp rate
on the pin can be set. Typical values for the soft-start
capacitor range from 100nF to 1μF.
• Finally, the frequency foldback circuit reduces the
switching frequency when the FB pin is in a nominal range
of 350mV to 900mV. This feature reduces the minimum
duty cycle that the part can achieve thus allowing better
control of the switch current during start-up. When the
FB voltage is pulled outside of this range, the switching
frequency returns to normal.
Current Limit and Thermal Shutdown Operation
The LT3580 has a current limit circuit not shown in the
Block Diagram. The switch current is consistently moni-
tored and not allowed to exceed the maximum switch
current at a given duty cycle (see the Electrical Charac-
teristics table). If the switch current reaches this value,
the SR latch (SR1) is reset regardless of the state of the
comparator (A1/A2). Also not shown in the Block Diagram
is the thermal shutdown circuit. If the temperature of the
part exceeds approximately 165°C, the SR2 latch is set
regardless of the state of the comparator (A1/A2). A full
soft-start cycle will then be initiated. The current limit and
thermal shutdown circuits protect the power switch as well
as the external components connected to the LT3580.


Similar Part No. - LT1310

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1310 LINER-LT1310 Datasheet
376Kb / 12P
   1.5A Boost DC/DC Converter with Phase-Locked Loop
LT1310 LINER-LT1310 Datasheet
380Kb / 12P
   1.5A Boost DC/DC Converter with Phase-Locked Loop
LT1310EMSE LINER-LT1310EMSE Datasheet
376Kb / 12P
   1.5A Boost DC/DC Converter with Phase-Locked Loop
LT1310 LINER-LT1310_15 Datasheet
380Kb / 12P
   1.5A Boost DC/DC Converter with Phase-Locked Loop
More results

Similar Description - LT1310

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com