Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1068IG Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1068IG
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068IG Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1068IG Datasheet HTML 6Page - Linear Technology LTC1068IG Datasheet HTML 7Page - Linear Technology LTC1068IG Datasheet HTML 8Page - Linear Technology LTC1068IG Datasheet HTML 9Page - Linear Technology LTC1068IG Datasheet HTML 10Page - Linear Technology LTC1068IG Datasheet HTML 11Page - Linear Technology LTC1068IG Datasheet HTML 12Page - Linear Technology LTC1068IG Datasheet HTML 13Page - Linear Technology LTC1068IG Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC1068 Series
10
1068fc
PIN FUNCTIONS
Power Supply Pins
The V+ and Vpins should each be bypassed with a
0.1µF capacitor to an adequate analog ground. The filter’s
power supplies should be isolated from other digital or
high voltage analog supplies. A low noise linear supply
is recommended. Using a switching power supply will
lower the signal-to-noise ratio of the filter. Figures 1 and 2
show typical connections for dual and single supply
operation.
Analog Ground Pin
Thefilter’sperformancedependsonthequalityoftheanalog
signal ground. For either dual or single supply operation,
ananaloggroundplanesurroundingthepackageisrecom-
mended. The analog ground plane should be connected
to any digital ground at a single point. For single supply
operation,AGNDshouldbebypassedtotheanalogground
plane with at least a 0.47µF capacitor (Figure 2).
Two internal resistors bias the analog ground pin. For the
LTC1068, LTC1068-200 and LTC1068-25, the voltage at
the analog ground pin (AGND) for single supply is 0.5
× V+
and for the LTC1068-50 it is 0.435
× V+.
Clock Input Pin
Any TTL or CMOS clock source with a square-wave output
and50%dutycycle(±10%)isanadequateclocksourcefor
the device. The power supply for the clock source should
not be the filter’s power supply. The analog ground for the
filter should be connected to clock’s ground at a single
point only. Table 2 shows the clock’s low and high level
threshold values for dual or single supply operation.
Table 2. Clock Source High and Low Threshold Levels
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply = ±5V
≥ 1.53V
≤ 0.53V
Single Supply = 5V
≥ 1.53V
≤ 0.53V
Single Supply = 3.3V
≥ 1.20V
≤ 0.53V
A pulsed generator can be used as a clock source provided
the high level ON time is at least 25% of the pulse period.
Sine waves are not recommended for clock input frequen-
cies less than 100kHz, since excessively slow clock rise
or fall times generate internal clock jitter (maximum clock
rise or fall time ≤ 1µs). The clock signal should be routed
from the right side of the IC package and perpendicular to
it to avoid coupling to any input or output analog signal
Figure 1. Dual Supply Ground Plane Connections
Figure 2. Single Supply Ground Plane Connections
0.1µF
V
1068 F01
200Ω
DIGITAL GROUND
V+
LTC1068
CLOCK
SOURCE
0.1µF
ANALOG
GROUND
PLANE
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
STAR
SYSTEM
GROUND
1068 F02
200
DIGITAL GROUND
FOR MODE 3, THE S NODE
SHOULD BE TIED TO PIN 7 (AGND)
V+
LTC1068
RA
RB
CLOCK
SOURCE
0.1µF
VAGND
0.47µF
(1µF FOR
STOPBAND
FREQUENCIES
≤1kHz)
ANALOG
GROUND
PLANE
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
STAR
SYSTEM
GROUND
DEVICE
LTC1068
LTC1068-200
LTC1068-25
LTC1068-50
RA
10k
11.3k
RB
10k
8.6k


Similar Part No. - LTC1068IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068IG LINER-LTC1068IG Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068IG-200 LINER-LTC1068IG-200 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068IG-25 LINER-LTC1068IG-25 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068IG-50 LINER-LTC1068IG-50 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068IG-PBF LINER-LTC1068IG-PBF Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
More results

Similar Description - LTC1068IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068 LINER-LTC1068 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG LINER-LTC1068-200CG Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068_15 Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com