Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


SS14 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. SS14
Description  1.0 Ampere Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
SS12-S100, Rev. A1
SS12 - S100
1.0 Ampere Schottky Barrier Rectifiers
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**DevicemountedonFR-4PCB0.013mm.
Electrical Characteristics
T
A = 25°C unless otherwise noted
2001 Fairchild Semiconductor Corporation
Features
Glass passivated junctions.
High current capability, low V
F.
For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
IF(AV)
Average Rectified Current
.375 " lead length @ TA = 75
°C
1.0
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
40
A
PD
Total Device Dissipation
Derate above 25
°C
1.1
11
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient **
88
°C/W
Tstg
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
-65 to +125
°C
Symbol
Parameter
Device
Units
12
13
14
15
16
18
19 100
VRRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
90 100
V
VRMS
Maximum RMS Voltage
14
21
28
35
42
56
64
71
V
VR
DC Reverse Voltage (Rated VR)
20
30
40
50
60
80
90 100
V
IRM
Maximum Instantaneous Reverse Current
TA = 25
°C (Note 1) @ rated VR
TA = 100
°C
0.2
10
mA
mA
VFM
Maximum Instantaneous Forward Voltage @ 1.0 A
500
700
850
mV
Note: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N58191.0 Ampere Schottky Barrier Rectifiers 1 2 3 Fairchild Semiconductor
1N58191.0 Ampere Schottky Barrier Rectifiers 1 2 3 Fairchild Semiconductor
1N58171.0 Ampere Schottky Barrier Rectifiers 1 2 Fairchild Semiconductor
1N58171 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere  1 2 Surge Components
SB170S1.0 Amp Schottky Barrier Rectifiers Voltage Range 70 to 100 volts Forward Current 1.0 Ampere 1 2 GOOD-ARK Electronics
FM120SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere 1 2 Rectron Semiconductor
SDBS121.0 AMP. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SS12SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere 1 2 Surge Components
FM120MSURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere 1 2 Rectron Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl