Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3800 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3800
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3800 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3800 Datasheet HTML 7Page - Linear Technology LT3800 Datasheet HTML 8Page - Linear Technology LT3800 Datasheet HTML 9Page - Linear Technology LT3800 Datasheet HTML 10Page - Linear Technology LT3800 Datasheet HTML 11Page - Linear Technology LT3800 Datasheet HTML 12Page - Linear Technology LT3800 Datasheet HTML 13Page - Linear Technology LT3800 Datasheet HTML 14Page - Linear Technology LT3800 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3844
11
3844fb
APPLICATIONS INFORMATION
Therefore, the peak inductor current is 100mV/RSENSE.
The maximum output load current, IOUT(MAX), is the peak
inductor current minus half the peak-to-peak ripple cur-
rent,
ΔIL.
Allowing adequate margin for ripple current and exter-
nal component tolerances, RSENSE can be calculated as
follows:
R
mV
I
SENSE
OUT MAX
=
70
()
Typical values for RSENSE are in the range of 0.005Ω to
0.05Ω.
Operating Frequency
The choice of operating frequency and inductor value is
a trade off between efficiency and component size. Low
frequency operation improves efficiency by reducing
MOSFET switching losses and gate charge losses. However,
lower frequency operation requires more inductance for a
given amount of ripple current, resulting in a larger induc-
tor size and higher cost. If the ripple current is allowed
to increase, larger output capacitors may be required to
maintain the same output ripple. For converters with high
step-down VIN-to-VOUT ratios, another consideration is
the minimum on-time of the LT3844 (see the Minimum
On-time Considerations section). A final consideration
for operating frequency is that in noise-sensitive com-
munications systems, it is often desirable to keep the
switching noise out of a sensitive frequency band. The
LT3844 uses a constant frequency architecture that can
be programmed over a 100kHz to 500kHz range with a
single resistor from the fSET pin to ground, as shown in
Figure 1. The nominal voltage on the fSET pin is 1V and
the current that flows from this pin is used to charge an
internal oscillator capacitor. The value of RSET for a given
operating frequency can be chosen from Figure 4 or from
the following equation:
Rk
f
SET
SW
()
. •
(– .
)
Ω= 84 1041 31
Table 1 lists typical resistor values for common operating
frequencies:
Table 1. Recommended 1% Standard Values
RSET
fSW
191kΩ
100kHz
118kΩ
150kHz
80.6kΩ
200kHz
63.4kΩ
250kHz
49.9kΩ
300kHz
40.2kΩ
350kHz
33.2kΩ
400kHz
27.4kΩ
450kHz
23.2kΩ
500kHz
Step-Down Converter: Inductor Selection
The critical parameters for selection of an inductor are
minimum inductance value, volt-second product, satura-
tion current and/or RMS current.
For a given
ΔI,Theminimuminductancevalueiscalculated
as follows:
LV
VV
fV
I
OUT
IN MAX
OUT
SW
IN MAX
L
Δ
••
()
()
fSW is the switch frequency.
FREQUENCY (kHz)
0
20
40
80
100
120
400
200
3844 G19
60
200
100
500
300
600
140
160
180
Figure 1. Timing Resistor (RSET) Value


Similar Part No. - LT3800

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3800EFE-PBF LINER-LT3800EFE-PBF Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800EFE-TRPBF LINER-LT3800EFE-TRPBF Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800IFE-PBF LINER-LT3800IFE-PBF Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
More results

Similar Description - LT3800

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3844 LINER-LT3844_15 Datasheet
231Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3844 LINER-LT3844 Datasheet
250Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3724 LINER-LT3724_15 Datasheet
319Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller
LT3724EFE LINER-LT3724EFE Datasheet
263Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller
LT3724 LINER-LT3724 Datasheet
293Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller
LT3845 LINER-LT3845_1 Datasheet
254Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3724 LINER-LT3724_1 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com