Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS232 Datasheet(PDF) 2 Page - Linear Technology

Part # RS232
Description  Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RS232 Datasheet(HTML) 2 Page - Linear Technology

  RS232 Datasheet HTML 1Page - Linear Technology RS232 Datasheet HTML 2Page - Linear Technology RS232 Datasheet HTML 3Page - Linear Technology RS232 Datasheet HTML 4Page - Linear Technology RS232 Datasheet HTML 5Page - Linear Technology RS232 Datasheet HTML 6Page - Linear Technology RS232 Datasheet HTML 7Page - Linear Technology RS232 Datasheet HTML 8Page - Linear Technology RS232 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1321/LTC1322/LTC1335
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage
VCC .................................................................... 6.5V
VDD (LTC1321/LTC1322 Only) ........................... 10V
VEE ................................................................... – 10V
Input Voltage
Drivers ................................... – 0.3V to (VCC + 0.3V)
Receivers ............................................. – 25V to 25V
ON/OFF, LB, SEL1,
SEL2, OE ............................ – 0.3V to (VCC + 0.3V)
Output Voltage
Drivers ................................................. – 25V to 25V
Receivers ............................... – 0.3V to (VCC + 0.3V)
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range
LTC1321C/LTC1322C/LTC1335C ......... 0
°C to 70°C
LTC1321I/LTC1322I/LTC1335I ......... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
PACKAGE/ORDER I FOR ATIO
2 RS485 DRIVERS/RECEIVERS
2 EIA/TIA-562 DRIVERS/RECEIVERS
2 RS485 DRIVERS/RECEIVERS
4 EIA/TIA-562 DRIVERS/RECEIVERS
2 RS485 DRIVERS/RECEIVERS
4 EIA/TIA-562 DRIVERS/RECEIVERS
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
S PACKAGE
24-LEAD PLASTIC SOL
24
23
22
21
20
19
18
17
16
15
14
13
VDD
B1
A1
Z1
Y1
SEL1
SEL2
Y2
Z2
A2
B2
GND
VCC
NC
RA1
DE1
DY1
LB
ON/OFF
DY2
DE2
RA2
NC
VEE
N PACKAGE
24-LEAD PLASTIC DIP
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
VDD
B1
A1
Z1
Y1
SEL1
SEL2
Y2
Z2
A2
B2
GND
VCC
RB1
RA1
DZ1/DE1
DY1
LB
ON/OFF
DY2
DZ2/DE2
RA2
RB2
VEE
S PACKAGE
24-LEAD PLASTIC SOL
N PACKAGE
24-LEAD PLASTIC DIP
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
OE
B1
A1
Z1
Y1
SEL1
SEL2
Y2
Z2
A2
B2
GND
VCC
RB1
RA1
DZ1/DE1
DY1
LB
ON/OFF
DY2
DZ2/DE2
RA2
RB2
VEE
S PACKAGE
24-LEAD PLASTIC SOL
N PACKAGE
24-LEAD PLASTIC DIP
TJMAX = 125°C, θJA = 75°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
TJMAX = 125°C, θJA = 75°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
TJMAX = 125°C, θJA = 75°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1321CN
LTC1321CS
LTC1321IN
LTC1321IS
LTC1335CN
LTC1335CS
LTC1335IN
LTC1335IS
LTC1322CN
LTC1322CS
LTC1322IN
LTC1322IS
Consult factory for Military grade parts.


Similar Part No. - RS232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS232 ETC-RS232 Datasheet
7Kb / 1P
   RS232 Interface using MAX232
RS232 ETC1-RS232 Datasheet
144Kb / 11P
   PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
National Instruments Co...
RS232 NI-RS232 Datasheet
477Kb / 7P
   Wireless Sensor Network Serial Nodes NI WSN-3230 (RS232), NI WSN-3231 (RS485)
logo
Linear Technology
RS232 LINER-RS232 Datasheet
337Kb / 20P
   Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
logo
List of Unclassifed Man...
RS232 ETC2-RS232 Datasheet
47Kb / 1P
   Industrial Surge Protected Converter
More results

Similar Description - RS232

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
   Transceivers
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088 Datasheet
227Kb / 8P
   TRANSCEIVERS
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74F641 PHILIPS-74F641 Datasheet
92Kb / 10P
   Transceivers
1999 Jan 08
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
   WAVEGUIDE TRANSCEIVERS
MDU1020 MICROSEMI-MDU1020_1 Datasheet
836Kb / 2P
   PLANAR TRANSCEIVERS
logo
OPLINK Communications I...
DTR-XXX-LS-W OPLINK-DTR-XXX-LS-W Datasheet
215Kb / 9P
   Multimode Transceivers
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com