Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIA562 Datasheet(PDF) 4 Page - Linear Technology

Part # EIA562
Description  Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

EIA562 Datasheet(HTML) 4 Page - Linear Technology

  EIA562 Datasheet HTML 1Page - Linear Technology EIA562 Datasheet HTML 2Page - Linear Technology EIA562 Datasheet HTML 3Page - Linear Technology EIA562 Datasheet HTML 4Page - Linear Technology EIA562 Datasheet HTML 5Page - Linear Technology EIA562 Datasheet HTML 6Page - Linear Technology EIA562 Datasheet HTML 7Page - Linear Technology EIA562 Datasheet HTML 8Page - Linear Technology EIA562 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1321/LTC1322/LTC1335
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Currents
ICC
VCC Supply Current
No Load (SEL1 = SEL2 = HIGH)
q
1000
2000
µA
Shutdown, ON/OFF = 0V
q
15
50
µA
IDD
VDD Supply Current (LTC1321/LTC1322)
No Load (SEL1 = SEL2 = LOW)
q
300
1000
µA
Shutdown, ON/OFF = 0V
q
0.1
50
µA
IEE
VEE Supply Current
No Load (SEL1 = SEL2 = HIGH)
q
– 1000
– 2000
µA
Shutdown, ON/OFF = 0V
q
– 0.1
– 50
µA
DC ELECTRICAL CHARACTERISTICS
VCC = VDD (LTC1321/LTC1322) = 5V ±5%, VEE = – 5V ±5% (Notes 2, 3)
AC
VCC = VDD (LTC1321/LTC1322) = 5V ±5%, VEE = – 5V ±5% (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EIA/TIA-562 Mode (SEL1 = SEL2 = LOW)
SR
Slew Rate
Figure 4, RL = 3k, CL = 15pF
q
14
30
V/
µs
Figure 4, RL = 3k, CL = 1000pF
q
47
V/
µs
tT
Transition Time
Figure 4, RL = 3k, CL = 2500pF
q
0.22
1.9
3.1
µs
tPLH
Driver Input to Output
Figures 4,10, RL = 3k, CL = 15pF
q
0.6
4
µs
tPHL
Driver Input to Output
Figures 4,10, RL = 3k, CL = 15pF
q
0.6
4
µs
tPLH
Receiver Input to Output
Figures 5,11
q
0.3
6
µs
tPHL
Receiver Input to Output
Figures 5,11
q
0.4
6
µs
RS485 Mode (SEL1 = SEL2 = HIGH)
tPLH
Driver Input to Output
Figures 2,7, RL = 54Ω, CL = 100pF
q
20
40
70
ns
tPHL
Driver Input to Output
Figures 2,7, RL = 54Ω, CL = 100pF
q
20
40
70
ns
tSKEW
Driver Output to Output
Figures 2,7, RL = 54Ω, CL = 100pF
q
515
ns
tr, tf
Driver Rise or Fall Time
Figures 2,7, RL = 54Ω, CL = 100pF
q
315
40
ns
tZL
Driver Enable to Output Low
Figures 3,8, CL = 100pF, S1 Closed
q
50
90
ns
tZH
Driver Enable to Output High
Figures 3,8, CL = 100pF, S2 Closed
q
50
90
ns
tLZ
Driver Disable from Low
Figures 3,8, CL = 15pF, S1 Closed
q
50
90
ns
tHZ
Driver Disable from High
Figures 3,8, CL = 15pF, S2 Closed
q
60
90
ns
tPLH
Receiver Input to Output
Figures 2,9, RL = 54Ω, CL = 100pF
q
20
60
140
ns
tPHL
Receiver Input to Output
Figures 2,9, RL = 54Ω, CL = 100pF
q
20
70
140
ns
tSKEW
Differential Receiver Skew,
tPLH-tPHL
Figures 2,9, RL = 54Ω, CL = 100pF
q
10
ns
Receiver Output Enable/Disable (LTC1335)
tZL
Receiver Enable to Output Low
Figures 6,12, CL = 15pF, S1 Closed
q
40
90
ns
tZH
Receiver Enable to Output High
Figures 6,12, CL = 15pF, S2 Closed
q
40
90
ns
tLZ
Receiver Disable from Low
Figures 6,12, CL = 15pF, S1 Closed
q
40
90
ns
tHZ
Receiver Disable from High
Figures 6,12, CL = 15pF, S2 Closed
q
50
90
ns
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those values beyond which the
safety of the device cannot be guaranteed.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given at VCC = VDD (LTC1321/LTC1322) = 5V,
VEE = – 5V, and TA = 25°C.
Note 4: Short-circuit current for RS485 driver output low state folds back
above VCC. Peak current occurs around VO = 3V.


Similar Part No. - EIA562

ManufacturerPart #DatasheetDescription
logo
Linear Technology
EIA562 LINER-EIA562 Datasheet
337Kb / 20P
   Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
More results

Similar Description - EIA562

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
   Transceivers
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088 Datasheet
227Kb / 8P
   TRANSCEIVERS
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74F641 PHILIPS-74F641 Datasheet
92Kb / 10P
   Transceivers
1999 Jan 08
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
   WAVEGUIDE TRANSCEIVERS
MDU1020 MICROSEMI-MDU1020_1 Datasheet
836Kb / 2P
   PLANAR TRANSCEIVERS
logo
OPLINK Communications I...
DTR-XXX-LS-W OPLINK-DTR-XXX-LS-W Datasheet
215Kb / 9P
   Multimode Transceivers
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com