Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1321CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1321CS
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1321CS Datasheet HTML 5Page - Linear Technology LTC1321CS Datasheet HTML 6Page - Linear Technology LTC1321CS Datasheet HTML 7Page - Linear Technology LTC1321CS Datasheet HTML 8Page - Linear Technology LTC1321CS Datasheet HTML 9Page - Linear Technology LTC1321CS Datasheet HTML 10Page - Linear Technology LTC1321CS Datasheet HTML 11Page - Linear Technology LTC1321CS Datasheet HTML 12Page - Linear Technology LTC1321CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1321/LTC1322/LTC1335
FU CTIO TABLES
LTC1321 Interface Configuration Without Loopback
1321BD01
RA1
VCC
VDD
A1
DY1
ON
* SEL1/SEL2 = VCC
Y1
PORT 1 = EIA562 MODE
PORT 2 = EIA562 MODE
DY2
Y2
SEL1
SEL2
24
22
1
3
5
6
7
8
20
19
LB
18
17
GND
VEE
12
13
RA2
A2
10
15
PORT 1 = RS485 MODE
PORT 2 = RS485 MODE
VDD
B1
A1
Z1
Y1
1
2
3
4
5
6
7
8
9
12
10
11
DY1
6
RA1
VCC
VDD
B1
A1
DE1
ON
Z1
Y1
PORT 1 = RS485 MODE
PORT 2 = EIA562 MODE
DY2
Y2
*SEL1
SEL2
24
22
1
2
3
5
4
7
8
21
20
LB
18
19
17
GND
VEE
12
13
RA2
A2
10
15
DY1
RA1
VCC
DE1
ON
DY2
DE2
24
22
21
20
LB
17
19
18
16
VEE
13
RA2
15
RA1
VCC
VDD
A1
DY1
ON
DE2
Y1
PORT 1 = EIA562 MODE
PORT 2 = RS485 MODE
DY2
SEL1
24
22
1
3
5
6
7
8
9
20
19
LB
18
17
1
16
12
13
10
11
15
Y2
Z2
GND
VEE
RA2
B2
A2
Y2
Z2
A2
GND
B2
*SEL2
*SEL2
*SEL1
RS485 Receiver Mode
OUTPUT
ON/OFF
SEL
OE
A – B
R
1
1
0
< – 0.2V
0
1
1
0
> 0.2V
1
1
1
0
Inputs Open
1
11
1
X
Z
01
X
X
Z
RS485 Driver Mode
INPUTS
LINE
OUTPUTS
ON/OFF
SEL
DE
D
CONDITION
Y
Z
1
1
1
0
No Fault
0
1
1
1
1
1
No Fault
1
0
1
1
1
X
Fault
Z
Z
11
0
X
X
Z
Z
01
X
X
X
Z
Z
INPUTS
LTC1335
BLOCK DIAGRA SM
EIA562 Driver Mode
INPUTS
LINE
OUTPUT
ON/OFF
SEL
D
CONDITION
Y, Z
1
0
0
No Fault
1
1
0
1
No Fault
0
1
0
X
Fault
Z
00
X
X
Z
INPUTS
EIA562 Receiver Mode
OUTPUT
ON/OFF
SEL
OE
A OR B
R
10
0
0
1
10
0
1
0
1
0
0
Input Open
1
10
1
X
Z
00
X
X
Z


Similar Part No. - LTC1321CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1321CS LINER-LTC1321CS Datasheet
454Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321CS LINER-LTC1321CS Datasheet
337Kb / 20P
   Transceivers
More results

Similar Description - LTC1321CS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3105N8 DIODES-ZXGD3105N8 Datasheet
380Kb / 13P
   Low standby power with quiescent supply current < 1mA
logo
IK Semicon Co., Ltd
ILX485 IKSEMICON-ILX485 Datasheet
485Kb / 8P
   Three-State Outputs
logo
Integrated Silicon Solu...
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
IS62WV12816EALL ISSI-IS62WV12816EALL Datasheet
1Mb / 17P
   Three state outputs
logo
Micross Components
AS5C4009 MICROSS-AS5C4009 Datasheet
162Kb / 12P
   Three state outputs
logo
Integrated Silicon Solu...
IS66WV51216EALL ISSI-IS66WV51216EALL Datasheet
620Kb / 17P
   Three state outputs
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Solid State Optronic
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
logo
NTE Electronics
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
   Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
logo
Renesas Technology Corp
HD74LS367A RENESAS-HD74LS367A Datasheet
63Kb / 6P
   (non-inverted data outputs with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com