Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS16 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SS16
Description  1.0 Ampere Schottky Barrier Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS16 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SS16 Datasheet HTML 1Page - Fairchild Semiconductor SS16 Datasheet HTML 2Page - Fairchild Semiconductor SS16 Datasheet HTML 3Page - Fairchild Semiconductor SS16 Datasheet HTML 4Page - Fairchild Semiconductor SS16 Datasheet HTML 5Page - Fairchild Semiconductor SS16 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS12-S100, Rev. A1
SS12 - S100
1.0 Ampere Schottky Barrier Rectifiers
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**DevicemountedonFR-4PCB0.013mm.
Electrical Characteristics
T
A = 25°C unless otherwise noted
2001 Fairchild Semiconductor Corporation
Features
Glass passivated junctions.
High current capability, low V
F.
For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
SMA/DO-214AC
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
IF(AV)
Average Rectified Current
.375 " lead length @ TA = 75
°C
1.0
A
IFSM
Non-repetitive Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
40
A
PD
Total Device Dissipation
Derate above 25
°C
1.1
11
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient **
88
°C/W
Tstg
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
-65 to +125
°C
Symbol
Parameter
Device
Units
12
13
14
15
16
18
19 100
VRRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
90 100
V
VRMS
Maximum RMS Voltage
14
21
28
35
42
56
64
71
V
VR
DC Reverse Voltage (Rated VR)
20
30
40
50
60
80
90 100
V
IRM
Maximum Instantaneous Reverse Current
TA = 25
°C (Note 1) @ rated VR
TA = 100
°C
0.2
10
mA
mA
VFM
Maximum Instantaneous Forward Voltage @ 1.0 A
500
700
850
mV
Note: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%


Similar Part No. - SS16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS16 MCC-SS16 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS16 DGNJDZ-SS16 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SS16 CHENDA-SS16 Datasheet
324Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
1N5817 FAIRCHILD-1N5817 Datasheet
36Kb / 2P
   1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
MBRS130L FAIRCHILD-MBRS130L Datasheet
37Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com