Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTX50-1 Datasheet(PDF) 7 Page - Linear Technology

Part # CTX50-1
Description  500mA Low Voltage Step-Down Synchronous
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CTX50-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button CTX50-1 Datasheet HTML 3Page - Linear Technology CTX50-1 Datasheet HTML 4Page - Linear Technology CTX50-1 Datasheet HTML 5Page - Linear Technology CTX50-1 Datasheet HTML 6Page - Linear Technology CTX50-1 Datasheet HTML 7Page - Linear Technology CTX50-1 Datasheet HTML 8Page - Linear Technology CTX50-1 Datasheet HTML 9Page - Linear Technology CTX50-1 Datasheet HTML 10Page - Linear Technology CTX50-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1504A
Ideally, the LTC1504A requires a low impedance bypass
right at the chip and a larger reservoir capacitor that can be
located somewhat farther away. This requirement usually
can be met with a ceramic capacitor right next to the
LTC1504A and an electrolytic capacitor (usually 10
µF to
100
µF,dependingonexpectedloadcurrent)locatedsome-
where nearby. In certain cases, the bulk capacitance
requirement can be met by the output bypass of the input
supply. Applications running at very high load currents or
at input supply voltages greater than 6V may require the
local ceramic capacitor to be 1
µF or greater. In some
cases, both the low impedance and bulk capacitance
requirements can be met by a single capacitor, mounted
very close to the LTC1504A. Low ESR organic semicon-
ductor (OS-CON) electrolytic capacitors or surge tested
surface mount tantalum capacitors can have low enough
impedance to keep the LTC1504A happy in some circuits.
Often the RMS current capacity of the input bypass capaci-
tors is more important to capacitor selection than value.
Buck converters like the LTC1504A are hard on input
capacitors, since the current flow alternates between the
full load current and near zero during every clock cycle. In
the worst case (50% duty cycle or VOUT = 0.5VIN) the RMS
current flow in the input capacitor is half of the total load
current plus half the ripple current in the inductor—
perhaps 300mA in a typical 500mA load current applica-
tion. This current flows through the ESR of the input
bypass capacitor, heating it up and shortening its life,
sometimes dramatically. Many ordinary electrolytic ca-
pacitors that look OK at first glance are not rated to
withstand such currents—check the RMS current rating
before you specify a device! If the RMS current rating isn’t
specified, it should not be used as an input bypass capaci-
tor. Again, low ESR electrolytic and surge tested tantalums
usually do well in LTC1504A applications and have high
RMS current ratings. The local ceramic bypass capacitor
usually has negligible ESR, allowing it to withstand large
RMS currents without trouble. Table 1 shows typical
surface mount capacitors that make acceptable input
bypass capacitors in LTC1504A applications.
Inductor
The LTC1504A requires an external inductor to be con-
nected from the switching node SW to the output node
APPLICATIONS INFORMATION
Table 1. Representative Surface Mount Input Bypass Capacitors
PART
VALUE
ESR
MAX RMS
TYPE
HEIGHT
AVX
TPSC226M016R0375
22
µF 0.38Ω
0.54A
Tantalum
2.6mm
TPSD476M016R0150
47
µF 0.15Ω
0.86A
Tantalum
2.9mm
TPSE107M016R0125
100
µF 0.13Ω
1.15A
Tantalum
4.1mm
1206YC105M
1
µF
Low
>1A
X7R Ceramic 1.5mm
1210YG106Z
10
µF
Low
>1A
Y5V Ceramic 1.7mm
Sanyo
16SN33M
33
µF 0.15Ω
1.24A
OS-CON
7mm
16SN68M
68
µF
0.1
1.65A
OS-CON
7mm
16CV100GX
100
µF 0.44Ω 0.23A*
Electrolytic
6mm
16CV220GX
220
µF 0.34Ω 0.28A*
Electrolytic
7.7mm
Sprague
593D476X0016D2W
47
µF 0.17Ω
0.93A
Tantalum
2.8mm
593D107X0016E2W
100
µ 0.15Ω
1.05A
Tantalum
4mm
*Note: Use multiple devices in parallel or limit output current to prevent capacitor overload.
where the load is connected. Inductor requirements are
fairly straightforward; it must be rated to handle continu-
ous DC current equal to the maximum load current plus
half the ripple current and its value should be chosen
based on the desired ripple current and/or the output
current transient requirements. Large value inductors
lower ripple current and decrease the required output
capacitance, but limit the speed that the LTC1504A can
change the output current, limiting output transient re-
sponse. Small value inductors result in higher ripple
currents and increase the demands on the output capaci-
tor, but allow faster output current slew rates and are often
smaller and cheaper for the same DC current rating. A
typical inductor used in an LTC1504A application might
have a maximum current rating between 500mA and 1A
and an inductance between 33
µH and 220µH.
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy mate-
rials are small and don’t radiate much energy, but gener-
ally cost more than powdered iron rod core inductors with
similar electrical characteristics. The choice of which style
inductor to use often depends more on the price vs size
requirements and any radiated field/EMI requirements
than on what the LTC1504A requires to operate. Table 2
shows some typical surface mount inductors that work
well in LTC1504A applications.


Similar Part No. - CTX50-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX50-1 COOPER-CTX50-1 Datasheet
461Kb / 8P
   Power Inductors and Transformers
CTX50-1-52-R COOPER-CTX50-1-52-R Datasheet
238Kb / 4P
   LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Eaton All Rights Reserv...
CTX50-1-52-R EATON-CTX50-1-52-R Datasheet
423Kb / 6P
   Toroid power inductors
logo
Cooper Bussmann, Inc.
CTX50-1-52LP-R COOPER-CTX50-1-52LP-R Datasheet
238Kb / 4P
   LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Eaton All Rights Reserv...
CTX50-1-52LP-R EATON-CTX50-1-52LP-R Datasheet
423Kb / 6P
   Toroid power inductors
More results

Similar Description - CTX50-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504_15 Datasheet
261Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
   High Efficiency High Voltage 500mA Synchronous Step-Down Converter
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com