Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1474 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1474
Description  500mA Low Voltage Step-Down Synchronous
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1474 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1474 Datasheet HTML 4Page - Linear Technology LTC1474 Datasheet HTML 5Page - Linear Technology LTC1474 Datasheet HTML 6Page - Linear Technology LTC1474 Datasheet HTML 7Page - Linear Technology LTC1474 Datasheet HTML 8Page - Linear Technology LTC1474 Datasheet HTML 9Page - Linear Technology LTC1474 Datasheet HTML 10Page - Linear Technology LTC1474 Datasheet HTML 11Page - Linear Technology LTC1474 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1504A
APPLICATIONS INFORMATION
Table 2. Representative Surface Mount Inductors
CORE
CORE
PART
VALUE
MAX DC
TYPE
MATERIAL
HEIGHT
CoilCraft
DT3316-473
47
µH
1A
Shielded
Ferrite
5.1mm
DT3316-104
100
µH
0.8A
Shielded
Ferrite
5.1mm
DO1608-473
47
µH
0.5A
Open
Ferrite
3.2mm
DO3316-224
220
µH
0.8A
Open
Ferrite
5.5mm
Coiltronics
CTX50-1
50
µH
0.65A
Toroid
KoolM
µ®
4.2mm
CTX100-2
100
µH
0.63A
Toroid
KoolM
µ
6mm
CTX50-1P
50
µH
0.66A
Toroid
Type 52
4.2mm
CTX100-2P
100
µH
0.55A
Toroid
Type 52
6mm
TP3-470
47
µH
0.55A
Toroid
Ferrite
2.2mm
TP3-470
47
µH
0.72A
Toroid
Ferrite
3mm
Sumida
CDRH62-470
47
µH
0.54A
Shielded
Ferrite
3mm
CDRH73-101
100
µH
0.50A
Shielded
Ferrite
3.4mm
CD43-470
47
µH
0.54A
Open
Ferrite
3.2mm
CD54-101
100
µH
0.52A
Open
Ferrite
4.5mm
Output Capacitor
The output capacitor affects the performance of the
LTC1504A in a couple of ways: it provides the first line of
defense during a transient load step and it has a large effect
on the compensation required to keep the LTC1504A
feedback loop stable. Transient load response of an
LTC1504A circuit is controlled almost entirely by the
output capacitor and the inductor. In steady load opera-
tion, the average current in the inductor will match the load
current. When the load current changes suddenly, the
inductor is suddenly carrying the wrong current and
requires a finite amount of time to correct itself—at least
several switch cycles with typical LTC1504A inductor
values. Even if the LTC1504A had psychic abilities and
could instantly assume the correct duty cycle, the rate of
change of current in the inductor is still related to its value
and cannot change instantaneously.
Until the inductor current adjusts to match the load cur-
rent, the output capacitor has to make up the difference.
Applications that require exceptional transient response
(2% or better for instantaneous full-load steps) will re-
quire relatively large value, low ESR output capacitors.
Applications with more moderate transient load require-
ments can often get away with traditional standard ESR
electrolytic capacitors at the output and can use larger
valued inductors to minimize the required output capaci-
tor value. Note that the RMS current in the output capacitor
is slightly more than half of the inductor ripple current—
much smaller than the RMS current in the input bypass
capacitor. Output capacitor lifetime is usually not a factor
in typical LTC1504A applications.
Large value ceramic capacitors used as output bypass
capacitors provide excellent ESR characteristics but can
cause loop compensation difficulties. See the Loop Com-
pensation section.
Loop Compensation
Loop compensation is strongly affected by the output
capacitor. From a loop stability point of view, the output
inductor and capacitor form a series RLC resonant circuit,
with the L set by the inductor value, the C by the value of
the output capacitor and the R dominated by the output
capacitor’s ESR. The amplitude response and phase shift
due to these components is compensated by a network of
Rs and Cs at the COMP pin to (hopefully) close the
feedback loop in a stable manner. Qualitatively, the L and
C of the output stage form a 2nd order roll-off with 180
°
of phase shift; the R due to ESR forms a single zero at a
somewhat higher frequency that reduces the roll-off to
first order and reduces the phase shift to 90
°.
If the output capacitor has a relatively high ESR, the zero
comes in well before the initial phase shift gets all the way
to 180
° and the loop only requires a single small capacitor
from COMP to GND to remain stable (Figure 4a). If, on the
other hand, the output capacitor is a low ESR type to
maximize transient response, the ESR zero can increase in
frequency by a decade or more and the output stage phase
shift can get awfully close to 180
° before it turns around
and comes back to 90
°. Large value ceramic, OS-CON
electrolytic and low impedance tantalum capacitors fall
into this category. These loops require an additional zero
to be inserted at the COMP pin; a series RC in parallel with
a smaller C to ground will usually ensure stability. Figure 4b
shows a typical compensation network which will opti-
mize transient response with most output capacitors.
Adjustable output parts can add a feedforward capacitor
across the feedback resistor divider to further improve
Kool M
µ is a registered trademark of Magnetics, Inc..


Similar Part No. - LTC1474

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1474 LINER-LTC1474 Datasheet
350Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
LTC1474 LINER-LTC1474 Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1474 LINER-LTC1474 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC1474CMS8 LINER-LTC1474CMS8 Datasheet
350Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
LTC1474CMS8-3.3 LINER-LTC1474CMS8-3.3 Datasheet
350Kb / 20P
   Low Quiescent Current High Efficiency Step-Down Converters
More results

Similar Description - LTC1474

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504_15 Datasheet
261Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
   High Efficiency High Voltage 500mA Synchronous Step-Down Converter
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com