Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ75CA Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SMCJ75CA
Description  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMCJ75CA Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SMCJ75CA Datasheet HTML 1Page - Fairchild Semiconductor SMCJ75CA Datasheet HTML 2Page - Fairchild Semiconductor SMCJ75CA Datasheet HTML 3Page - Fairchild Semiconductor SMCJ75CA Datasheet HTML 4Page - Fairchild Semiconductor SMCJ75CA Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMCJ5.0(C)A-SMCJ170(C)A, Rev. B1
SMCJ5.0(C)A - SMCJ170(C)A
1500 Watt Transient Voltage Suppressors
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
2000 Fairchild Semiconductor International
Symbol
Parameter
Value
Units
PPPM
Peak Pulse Power Dissipation on 10/1000
µs waveform
minimum 1500
W
IPPM
Peak Pulse Current on 10/1000
µs waveform
see table
A
if(surge)
Peak Forward Surge Current
superimposed on rated load (JEDEC method) (Note 1)
200
A
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Features
Glass passivated junction.
1500 W Peak Pulse Power capability
on 10/1000
µs waveform.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time; typically less
than 1.0 ps from 0 volts to BV for
unidirectional and 5.0 ns for
bidirectional.
Typical I
R less than 1.0 µA above 10V.
DEVICES FOR BIPOLAR APPLICATIONS
- Bidirectional types use CA suffix.
- Electrical Characteristics apply in both directions.
2
1
0.320 (8.128)
0.305 (7.747)
0.280 (7.112)
0.260 (6.604)
0.103 (2.616)
0.079 (2.007)
0.245 (6.223)
0.220 (5.588)
0.008 (0.203)
0.004 (0.102)
0.012 (0.305)
0.006 (0.152)
0.060 (1.524)
0.030 (0.762)
0.124 (3.150)
0.108 (2.743)
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 1: Measured on 8.3 ms single half-sine wave or equivalent square wave; Duty cycle = 4 pulses per minute maximum.
SMC/DO-214AB
COLOR BAND DENOTES CATHODE
ON UNIDIRECTIONAL DEVICES ONLY.
NO COLOR BAND ON BIDIRECTIONAL
DEVICES.


Similar Part No. - SMCJ75CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ75CA BYTES-SMCJ75CA Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GUANGDONG HOTTECH INDUS...
SMCJ75CA HOTTECH-SMCJ75CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
SeCoS Halbleitertechnol...
SMCJ75CA SECOS-SMCJ75CA Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
logo
SHIKUES Electronics
SMCJ75CA SKTECHNOLGY-SMCJ75CA Datasheet
1Mb / 4P
   Rating to 200C VBR
logo
Ruilongyuan Electronics...
SMCJ75CA RUILON-SMCJ75CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ75CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ5V0 FAIRCHILD-SMBJ5V0 Datasheet
121Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SA50 FAIRCHILD-SA50 Datasheet
56Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com