Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0603DCNPO0N472 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CC0603DCNPO0N472
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0603DCNPO0N472 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CC0603DCNPO0N472 Datasheet HTML 6Page - YAGEO Corporation CC0603DCNPO0N472 Datasheet HTML 7Page - YAGEO Corporation CC0603DCNPO0N472 Datasheet HTML 8Page - YAGEO Corporation CC0603DCNPO0N472 Datasheet HTML 9Page - YAGEO Corporation CC0603DCNPO0N472 Datasheet HTML 10Page - YAGEO Corporation CC0603DCNPO0N472 Datasheet HTML 11Page - YAGEO Corporation CC0603DCNPO0N472 Datasheet HTML 12Page - YAGEO Corporation CC0603DCNPO0N472 Datasheet HTML 13Page - YAGEO Corporation CC0603DCNPO0N472 Datasheet HTML 14Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Mid-voltage
NP0
/X7R 100 V to 630 V
www.yageo.com
Feb 02, 2012 V.9
Surface-Mount Ceramic Multilayer Capacitors
10
23
Product specification
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 8 Sizes from 1808 to 1812
CAP.
1808
1812
Last 2-digit of
12NC
100 V
200 V
250 V
500 V
630 V
100 V
200 V
250 V
500 V
630 V
10 pF
23
12 pF
24
15 pF
25
18 pF
26
22 pF
27
27 pF
28
33 pF
29
39 pF
31
47 pF
32
56 pF
33
68 pF
34
82 pF
35
1.25±0.2
1.25±0.2
1.25±0.2
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request


Similar Part No. - CC0603DCNPO0N472

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0603DCNPO0BB121 YAGEO-CC0603DCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC0603DCNPO0BB121 TDK-CC0603DCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC0603DCNPO0BB121 YAGEO-CC0603DCNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603DCNPO0BN121 YAGEO-CC0603DCNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC0603DCNPO0BN121 TDK-CC0603DCNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0603DCNPO0N472

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com