Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3532 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3532
Description  Micropower Synchronous Buck-Boost DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3532 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3532 Datasheet HTML 5Page - Linear Technology LTC3532 Datasheet HTML 6Page - Linear Technology LTC3532 Datasheet HTML 7Page - Linear Technology LTC3532 Datasheet HTML 8Page - Linear Technology LTC3532 Datasheet HTML 9Page - Linear Technology LTC3532 Datasheet HTML 10Page - Linear Technology LTC3532 Datasheet HTML 11Page - Linear Technology LTC3532 Datasheet HTML 12Page - Linear Technology LTC3532 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3532
9
3532fc
7
VIN
A
3
SW1
5
GND
4
SW2
L
+–
6
VOUT
D
C
250mA
0mA
3532 F03
T1
B
dI
dt
VIN
L
OPERATIO
Figure 3. Inductor Charge Cycle During Burst Mode Operation
7
VIN
A
3
SW1
5
GND
4
SW2
L
–+
6
VOUT
D
C
250mA
0mA
3532 F04
T2
B
dI
dt
VOUT
L
≈ –
Figure 4. Inductor Disharge Cycle During Burst Mode Operation
Note that the peak efficiency during Burst Mode operation
is less than the peak efficiency during fixed frequency
because the part enters full-time 4-switch mode (when
servicing the output) with discontinuous inductor cur-
rent as illustrated in Figures 3 and 4. During Burst Mode
operation, the control loop is nonlinear and cannot utilize
the control voltage from the error amp to determine the
control mode, therefore full-time 4-switch mode is required
to maintain the buck/boost function. The efficiency below
1mA becomes dominated primarily by the quiescent cur-
rent. The Burst Mode operation efficiency is given by:
EFFICIENCY ≅
n• ILOAD
35μA + ILOAD
where n is typically 88% during Burst Mode operation.
Automatic Burst Mode Operation Control
Burst Mode operation can be automatic or manually con-
trolled with a single pin. In automatic mode, the IC will
enter Burst Mode operation at light load and return to fixed
frequency operation at heavier loads. The load current at
which the mode transition occurs is programmed using
a single external resistor from the BURST pin to ground,
according to the following equations:
Enter Burst Mode Operation: I =
10.5V
RBURST
Leave Burst Mode Operation: I =
7V
RBURST
where RBURST is in kΩ and IBURST is the load transition
current in Amps. For automatic operation, a filter capaci-
tor should also be connected from BURST to ground to
prevent ripple on BURST from causing the IC to oscillate
in and out of Burst Mode operation. The equation for the
minimum capacitor value is:
CBURST(MIN)
COUT •VOUT
60,000V
where CBURST(MIN) and COUT are in μF. In the event that
a load transient causes the feedback pin to drop by more
than 4% from the regulation value while in Burst Mode
operation, the IC will immediately switch to fixed frequency
mode and an internal pull-up will be momentarily applied
to BURST, rapidly charging the BURST capacitor. This
prevents the IC from immediately reentering Burst Mode
operation once the output achieves regulation.
Manual Burst Mode Operation
For manual control of Burst Mode operation, the RC net-
work connected to BURST can be eliminated. To force fixed
frequency mode, BURST should be connected to VOUT. To
force Burst Mode operation, BURST should be grounded.
When commanding Burst Mode operation manually, the
circuit connected to BURST should be able to sink up to
2mA. For optimum transient response with large dynamic
loads, the operating mode should be controlled manually
by the host. By commanding fixed frequency operation
prior to a sudden increase in load, output voltage droop can


Similar Part No. - LTC3532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3532 LINER-LTC3532 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EDD-PBF LINER-LTC3532EDD-PBF Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EDD-TRPBF LINER-LTC3532EDD-TRPBF Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com