Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1454L Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1454L
Description  16-Bit Rail-to-Rail Micropower DACs in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1454L Datasheet(HTML) 4 Page - Linear Technology

  LTC1454L Datasheet HTML 1Page - Linear Technology LTC1454L Datasheet HTML 2Page - Linear Technology LTC1454L Datasheet HTML 3Page - Linear Technology LTC1454L Datasheet HTML 4Page - Linear Technology LTC1454L Datasheet HTML 5Page - Linear Technology LTC1454L Datasheet HTML 6Page - Linear Technology LTC1454L Datasheet HTML 7Page - Linear Technology LTC1454L Datasheet HTML 8Page - Linear Technology LTC1454L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1655/LTC1655L
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 4.5V to 5.5V (LTC1655), VCC = 2.7V to 5.5V (LTC1655L); VOUT unloaded, REF unloaded, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity is defined from code 128 to code 65535 (full scale).
See Applications Information.
Note 3: DAC switched between all 1s and all 0s. VFS = 4.096V.
Note 4: Digital inputs at 0V or VCC.
Note 5: Part is clocked with pin toggling between 1s and 0s, CS/LD is low.
Note 6: Reference can be overdriven (see Applications Information).
Note 7: Guaranteed by design. Not subject to test.
Note 8: Guaranteed by correlation for other reference and supply
conditions.
ILEAK
Digital Input Leakage
VIN = GND to VCC
q
±10
µA
CIN
Digital Input Capacitance
(Note 7)
10
pF
Switching
t1
DIN Valid to CLK Setup
LTC1655
q
40
ns
LTC1655L
q
60
ns
t2
DIN Valid to CLK Hold
LTC1655
q
0ns
LTC1655L
q
0ns
t3
CLK High Time
LTC1655
q
40
ns
LTC1655L
q
60
ns
t4
CLK Low Time
LTC1655
q
40
ns
LTC1655L
q
60
ns
t5
CS/LD Pulse Width
LTC1655
q
50
ns
LTC1655L
q
80
ns
t6
LSB CLK to CS/LD
LTC1655
q
40
ns
LTC1655L
q
60
ns
t7
CS/LD Low to CLK
LTC1655
q
20
ns
LTC1655L
q
30
ns
t8
DOUT Output Delay
LTC1655, CLOAD = 15pF
q
20
120
ns
LTC1655L, CLOAD = 15pF
q
20
300
ns
t9
CLK Low to CS/LD Low
LTC1655
q
20
ns
LTC1655L
q
30
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - LTC1454L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1454L LINER-LTC1454L Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LC LINER-LTC1454LC Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LCN LINER-LTC1454LCN Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454LCS LINER-LTC1454LCS Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
More results

Similar Description - LTC1454L

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
LTC1655 LINER-LTC1655_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com