Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1736 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1736
Description  High Efficiency Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1736 Datasheet HTML 6Page - Linear Technology LTC1736 Datasheet HTML 7Page - Linear Technology LTC1736 Datasheet HTML 8Page - Linear Technology LTC1736 Datasheet HTML 9Page - Linear Technology LTC1736 Datasheet HTML 10Page - Linear Technology LTC1736 Datasheet HTML 11Page - Linear Technology LTC1736 Datasheet HTML 12Page - Linear Technology LTC1736 Datasheet HTML 13Page - Linear Technology LTC1736 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
LTC1735
1735fc
OPERATIO
(Refer to Functional Diagram)
When the FCB pin is driven by an external oscillator, a low
noise cycle-skipping mode is invoked and the internal
oscillator is synchronized to the external clock by com-
parator C. In this mode the 25% minimum inductor
current clamp is removed, providing constant frequency
discontinuous operation over the widest possible output
current range. This constant frequency operation is not
quite as efficient as Burst Mode operation, but provides a
lower noise, constant frequency spectrum.
Tying the FCB pin to ground enables forced continuous
operation. This is the least efficient mode, but is desirable
in certain applications. The output can source or sink
current in this mode. When sinking current while in forced
continuous operation, current will be forced back into the
main power supply potentially boosting the input supply to
dangerous voltage levels—BEWARE.
Foldback Current, Short-Circuit Detection and
Short-Circuit Latchoff
The RUN/SS capacitor, CSS, is used initially to limit the
inrush current of the switching regulator. After the con-
troller has been started and been given adequate time to
charge up the output capacitors and provide full load cur-
rent, CSS is used as a short-circuit time-out circuit. If the
output voltage falls to less than 70% of its nominal output
voltage, CSS begins discharging on the assumption that
the output is in an overcurrent and/or short-circuit condi-
tion. If the condition lasts for a long enough period as
determined by the size of CSS, the controller will be shut
down until the RUN/SS pin voltage is recycled. This built-
in latchoff can be overridden by providing a current >5
µA
at a compliance of 5V to the RUN/SS pin. This current
shortens the soft-start period but also prevents net dis-
charge of CSS during an overcurrent and/or short-circuit
condition. Foldback current limiting is activated when the
output voltage falls below 70% of its nominal level whether
or not the short-circuit latchoff circuit is enabled.
The main control loop is shut down by pulling Pin 2
(RUN/SS) low. Releasing RUN/SS allows an internal 1.2
µA
current source to charge soft-start capacitor CSS. When
CSS reaches 1.5V, the main control loop is enabled with the
ITH voltage clamped at approximately 30% of its maximum
value. As CSS continues to charge, ITH is gradually re-
leased allowing normal operation to resume. If VOUT has
not reached 70% of its final value when CSS has charged
to 4.1V, latchoff can be invoked as described in the
Applications Information section.
The internal oscillator can be synchronized to an external
clock applied to the FCB pin and can lock to a frequency
between 90% and 130% of its nominal rate set by capaci-
tor COSC.
An overvoltage comparator, OV, guards against transient
overshoots (>7.5%) as well as other more serious
conditions that may overvoltage the output. In this case,
the top MOSFET is turned off and the bottom MOSFET is
turned on until the overvoltage condition is cleared.
Foldback current limiting for an output shorted to ground
is provided by amplifier A. As VOSENSE drops below 0.6V,
the buffered ITH input to the current comparator is gradu-
ally pulled down to a 0.86V clamp. This reduces peak
inductor current to about 1/4 of its maximum value.
Low Current Operation
The LTC1735 has three low current modes controlled by
the FCB pin. Burst Mode operation is selected when the
FCB pin is above 0.8V (typically tied to INTVCC). In Burst
Mode operation, if the error amplifier drives the ITH voltage
below 0.86V, the buffered ITH input to the current com-
parator will be clamped at 0.86V. The inductor current
peak is then held at approximately 20mV/RSENSE (about
1/4 of maximum output current). If ITH then drops below
0.5V, the Burst Mode comparator B will turn off both
MOSFETs to maximize efficiency. The load current will be
supplied solely by the output capacitor until ITH rises
above the 60mV hysteresis of the comparator and switch-
ing is resumed. Burst Mode operation is disabled by
comparator F when the FCB pin is brought below 0.8V.
This forces continuous operation and can assist second-
ary winding regulation.


Similar Part No. - LTC1736

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1736 LINER-LTC1736 Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1736 LINER-LTC1736 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1736 LINER-LTC1736 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1736C LINER-LTC1736C Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
LTC1736CG LINER-LTC1736CG Datasheet
322Kb / 28P
   5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1736

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735_15 Datasheet
410Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
   Synchronous Micropower Step-Down High Efficiency Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_15 Datasheet
228Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
logo
New Japan Radio
NJU7690 NJRC-NJU7690 Datasheet
175Kb / 9P
   High Efficiency Synchronous Step-Down switching regulator IC
logo
Linear Technology
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
   High Efficiency Low Noise Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com