Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6101CIS5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6101CIS5
Description  High Voltage, High-Side Current Sense
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6101CIS5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6101CIS5 Datasheet HTML 4Page - Linear Technology LTC6101CIS5 Datasheet HTML 5Page - Linear Technology LTC6101CIS5 Datasheet HTML 6Page - Linear Technology LTC6101CIS5 Datasheet HTML 7Page - Linear Technology LTC6101CIS5 Datasheet HTML 8Page - Linear Technology LTC6101CIS5 Datasheet HTML 9Page - Linear Technology LTC6101CIS5 Datasheet HTML 10Page - Linear Technology LTC6101CIS5 Datasheet HTML 11Page - Linear Technology LTC6101CIS5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC6101/LTC6101HV
8
6101fh
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
6101 G19
160
140
120
100
80
60
40
20
0
RIN = 100
ROUT = 10k
COUT = 5pF
GAIN = 100
IOUTDC = 100μA
VINAC = 50mVp
LTC6101HV,
V+ = 5V
LTC6101,
LTC6101HV,
V+ = 12V
LTC6101,
V+ = 4V
V
+
V
+-100mV
5V
0V
TIME (10μs/DIV)
6101 G14
VOUT
CLOAD = 1000pF
CLOAD = 10pF
VSENSE
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
V
+
V
+-100mV
5V
0V
TIME (100μs/DIV)
6101 G15
VOUT
VSENSE
TA = 25°C
V
+ = 12V
CLOAD = 2200pF
RIN = 100
ROUT = 5k
VSENSE
+ = V+
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6101 G16
VOUT
VSENSE
ΔVSENSE
=100mV
IOUT = 100μA
IOUT = 0
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
5.5V
5V
0.5V
0V
TIME (500ns/DIV)
6101 G17
VOUT
ΔVSENSE
=100mV
IOUT = 100μ
IOUT = 0
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
Step Response Falling Edge
Step Response 100mV
Step Response 100mV
Step Response Rising Edge
PSRR vs Frequency


Similar Part No. - LTC6101CIS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101CIS5 LINER-LTC6101CIS5 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
More results

Similar Description - LTC6101CIS5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
   High side current sense high voltage op amp
March 2014 Rev 1
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
   High side current sense high voltage op amp
March 2014 Rev 1
logo
Linear Technology
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com