Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2906 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2906
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2906 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2906 Datasheet HTML 6Page - Linear Technology LTC2906 Datasheet HTML 7Page - Linear Technology LTC2906 Datasheet HTML 8Page - Linear Technology LTC2906 Datasheet HTML 9Page - Linear Technology LTC2906 Datasheet HTML 10Page - Linear Technology LTC2906 Datasheet HTML 11Page - Linear Technology LTC2906 Datasheet HTML 12Page - Linear Technology LTC2906 Datasheet HTML 13Page - Linear Technology LTC2906 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC2903-1
29031f a
APPLICATIO S I FOR ATIO
Triple Adjustable Options (LTC2903-D1, LTC2903-E1)
LTC2903-D1 and LTC2903-E1 provide 3 adjustable in-
puts: V2, V3 and V4. The V1 threshold is 3.086V (3.3V,
5%) for option D1 and 4.675 (5V, 5%) for option E1. For
each supply monitored by an adjustable input, connect an
external resistor divider (R1 and R2) between the positive
voltage being sensed and ground. The tap point for each
divider is then connected to each adjustable input. All
adjustable inputs are compared to an internal 0.5V
reference.
Figure 3 shows how each adjustable input is configured.
Calculate the trip voltage from:
VV
R
R
TRIP =+
05
1
1
2
.
Figure 3. Setting the Positive Adjustable Trip Point
V1 (V)
0
0
0.1
0.3
0.4
0.5
0.7
0.1
0.5
0.7
29031 F02
0.2
0.6
0.4
0.9 1.0
0.2 0.3
0.6
0.8
TA = 25°C
V1 ONLY
COMPETITION
PART
V1 = V2 = V3
+
0.5V
29031 F03
V4
VTRIP
R1
LTC2903-A1
R2
+
Figure 2. RST Output Voltage with a 10k Pull-Up to V1
(Enlarged Area of Detail)
current sinking ability for single supply and triple supply-
tracking applications. Figure 2 shows a detailed view of the
reset pin voltage with a 10k pull-up resistor to V1.
The LTC2903-1 supervisors derive their internal supply
voltage (VCC) automatically from the greater voltage on the
V1 and V2 inputs (VCC = V1 for options D1 and E1). With
all supply inputs above threshold, the quiescent current
drawn from VCC is 20µA (typ).
Supply Monitoring
The LTC2903-1 accurately monitors four inputs in a small
6-lead SOT-23 package. The low voltage reset output
includes an integrated 200ms reset delay timer. The reset
line pulls high 200ms after all voltage inputs exceed their
respective thresholds. The reset output remains low dur-
ing power-up, power-down and brownout conditions on
any of the voltage inputs.


Similar Part No. - LTC2906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2906 LINER-LTC2906 Datasheet
191Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2906 LINER-LTC2906 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2906 LINER-LTC2906 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
LTC2906 LINER-LTC2906 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
More results

Similar Description - LTC2906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Linear Technology
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
logo
Analog Devices
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com