Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3406A Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3406A
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406A Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3406A Datasheet HTML 4Page - Linear Technology LTC3406A Datasheet HTML 5Page - Linear Technology LTC3406A Datasheet HTML 6Page - Linear Technology LTC3406A Datasheet HTML 7Page - Linear Technology LTC3406A Datasheet HTML 8Page - Linear Technology LTC3406A Datasheet HTML 9Page - Linear Technology LTC3406A Datasheet HTML 10Page - Linear Technology LTC3406A Datasheet HTML 11Page - Linear Technology LTC3406A Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC4065/LTC4065A
4065fb
SI
PLIFIED BLOCK DIAGRA S
+
–+
–+
2
+
MP
M2
×1
M1
×1000
VCC
VCC
R1
R2
ENABLE
R3
R4
RENB
R5
2.9V
CHRG
6
PROG
1
GND
4056 F01a
RPROG
BAT
1V
PROG
0.82V
C/10
C1
+
TA
TDIE
115
°C
0.1V
1.2V
SHUTDOWN
D3
0.1V
D2
3.6V
D1
1.2V
REF
CA
MA
LOBAT
5
EN
+
UVLO
3
4
BAT
LOGIC
COUNTER
OSCILLATOR
SHUTDOWN
CHARGE CONTROL
C2
VA
Figure 1a. LTC4065 Block Diagram


Similar Part No. - LTC3406A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
logo
Linear Integrated Syste...
LTC3406A LINEAR-LTC3406A Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC3406A LINER-LTC3406A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC3406A LINER-LTC3406A Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC3406A LINER-LTC3406A Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3406A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
   Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com