Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1991 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1991
Description  High Voltage, High-Side Current Sense
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1991 Datasheet HTML 6Page - Linear Technology LT1991 Datasheet HTML 7Page - Linear Technology LT1991 Datasheet HTML 8Page - Linear Technology LT1991 Datasheet HTML 9Page - Linear Technology LT1991 Datasheet HTML 10Page - Linear Technology LT1991 Datasheet HTML 11Page - Linear Technology LT1991 Datasheet HTML 12Page - Linear Technology LT1991 Datasheet HTML 13Page - Linear Technology LT1991 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC6101/LTC6101HV
10
6101fh
APPLICATIONS INFORMATION
Figure 2. Kelvin Input Connection Preserves
Accuracy Despite Large Load Current
LTC6101
ROUT
VOUT
6101 F02
RIN
V+
LOAD
RSENSE
V+
V
OUT
–IN
+IN
Useful Gain Configurations
Gain
RIN
ROUT
VSENSE at VOUT = 5V IOUT at VOUT = 5V
20
499
10k
250mV
500μA
50
200
10k
100mV
500μA
100
100
10k
50mV
500μA
Selection of External Current Sense Resistor
The external sense resistor, RSENSE, has a significant effect
on the function of a current sensing system and must be
chosen with care.
First, the power dissipation in the resistor should be
considered. The system load current will cause both heat
and voltage loss in RSENSE. As a result, the sense resis-
tor should be as small as possible while still providing
the input dynamic range required by the measurement.
Note that input dynamic range is the difference between
the maximum input signal and the minimum accurately
reproduced signal, and is limited primarily by input DC
offset of the internal amplifier of the LTC6101. In addition,
RSENSE must be small enough that VSENSE does not exceed
the maximum input voltage specified by the LTC6101, even
under peak load conditions. As an example, an application
may require that the maximum sense voltage be 100mV.
If this application is expected to draw 2A at peak load,
RSENSE should be no more than 50mΩ.
Once the maximum RSENSE value is determined, the mini-
mum sense resistor value will be set by the resolution or
dynamic range required. The minimum signal that can be
accurately represented by this sense amp is limited by the
input offset. As an example, the LTC6101B has a typical
input offset of 150μV. If the minimum current is 20mA, a
sense resistor of 7.5mΩ will set VSENSE to 150μV. This is
the same value as the input offset. A larger sense resistor
will reduce the error due to offset by increasing the sense
voltage for a given load current.
Choosing a 50mΩ RSENSE willmaximizethedynamicrange
and provide a system that has 100mV across the sense
resistor at peak load (2A), while input offset causes an
error equivalent to only 3mA of load current.
Peak dissipation is 200mW. If a 5mΩ sense resistor is
employed, then the effective current error is 30mA, while
the peak sense voltage is reduced to 10mV at 2A, dis-
sipating only 20mW.
The low offset and corresponding large dynamic range of
the LTC6101 make it more flexible than other solutions in
this respect. The 150μV typical offset gives 60dB of dy-
namic range for a sense voltage that is limited to 150mV
max, and over 70dB of dynamic range if the rated input
maximum of 500mV is allowed.
Sense Resistor Connection
Kelvin connection of the INand IN+ inputs to the sense
resistor should be used in all but the lowest power ap-
plications. Solder connections and PC board interconnec-
tions that carry high current can cause significant error
in measurement due to their relatively large resistances.
One 10mm x 10mm square trace of one-ounce copper
is approximately 0.5mΩ. A 1mV error can be caused by
as little as 2A flowing through this small interconnect.
This will cause a 1% error in a 100mV signal. A 10A load
current in the same interconnect will cause a 5% error
for the same 100mV signal. By isolating the sense traces
from the high-current paths, this error can be reduced
by orders of magnitude. A sense resistor with integrated
Kelvin sense terminals will give the best results. Figure 2
illustrates the recommended method.


Similar Part No. - LT1991

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
LT1991 LINER-LT1991 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1991 LINER-LT1991 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
LT1991 LINER-LT1991 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LT1991

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
   High Voltage High Side Current and Voltage Sense
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
   High side current sense high voltage op amp
March 2014 Rev 1
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
   High side current sense high voltage op amp
March 2014 Rev 1
logo
Linear Technology
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com