Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST802RT1A Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST802RT1A
Description  10/100 real-time Ethernet 3.3 V transceiver
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST802RT1A Datasheet HTML 5Page - STMicroelectronics ST802RT1A Datasheet HTML 6Page - STMicroelectronics ST802RT1A Datasheet HTML 7Page - STMicroelectronics ST802RT1A Datasheet HTML 8Page - STMicroelectronics ST802RT1A Datasheet HTML 9Page - STMicroelectronics ST802RT1A Datasheet HTML 10Page - STMicroelectronics ST802RT1A Datasheet HTML 11Page - STMicroelectronics ST802RT1A Datasheet HTML 12Page - STMicroelectronics ST802RT1A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
ST802RT1A, ST802RT1B
Pin configuration
Doc ID 17049 Rev 1
9/58
4
Pin configuration
Figure 4.
Pin configuration - ST802RT1A
TXD3/MII_CFG1
GND
TXD2/SCLK
TX_CLK/LPBK_EN
TX_EN
GNDA
VCCA
TXD0
TXD1
1
2
3
4
5
6
7
8
9
10
11
12
RESERVED
PWRDWN/MDINT
RESERVED
48 47
46 45
44
43
42
41
40 39
38
37
13 14
15 16
17
18
19
20
21 22
23
24
DVDD
RESET
OVDD
X1
MDIO
MDC
GND
X2
LED_LINK/AN_EN
LED_SPEED/AN0
LED_ACT/AN1
36
35
34
33
32
31
30
29
28
27
26
25
ST802RT1A
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
48 47
46 45
44
43
42
41
40 39
38
37
48 47
46 45
44
43
42
41
40 39
38
37
48 47
46 45
44
43
42
41
40 39
38
37
13 14
15 16
17
18
19
20
21 22
23
24
13 14
15 16
17
18
19
20
21 22
23
24
13 14
15 16
17
18
19
20
21 22
23
24
DVDD
RESET
RESERVED
OVDD
X1
MDIO
MDC
GND
X2
LED_LINK/AN_EN
LED_SPEED/AN0
LED_ACT/AN1
36
35
34
33
32
31
30
29
28
27
26
25
36
35
34
33
32
31
30
29
28
27
26
25
TXD3/MII_CFG1
GND
TXD2/SCLK
TX_CLK/LPBK_EN
TX_EN
GNDA
VCCA
TXD0
TXD1
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
RESERVED
PWRDWN/MDINT
RESERVED
48 47
46 45
44
43
42
41
40 39
38
37
48 47
46 45
44
43
42
41
40 39
38
37
13 14
15 16
17
18
19
20
21 22
23
24
13 14
15 16
17
18
19
20
21 22
23
24
DVDD
RESET
OVDD
X1
MDIO
MDC
GND
X2
LED_LINK/AN_EN
LED_SPEED/AN0
LED_ACT/AN1
36
35
34
33
32
31
30
29
28
27
26
25
ST802RT1A
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
48 47
46 45
44
43
42
41
40 39
38
37
48 47
46 45
44
43
42
41
40 39
38
37
48 47
46 45
44
43
42
41
40 39
38
37
13 14
15 16
17
18
19
20
21 22
23
24
13 14
15 16
17
18
19
20
21 22
23
24
13 14
15 16
17
18
19
20
21 22
23
24
DVDD
RESET
RESERVED
OVDD
X1
MDIO
MDC
GND
X2
LED_LINK/AN_EN
LED_SPEED/AN0
LED_ACT/AN1
36
35
34
33
32
31
30
29
28
27
26
25
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ST802RT1A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST802RT1B STMICROELECTRONICS-ST802RT1B Datasheet
596Kb / 58P
   10/100 real-time Ethernet 3.3 V transceiver
More results

Similar Description - ST802RT1A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST802RT1B STMICROELECTRONICS-ST802RT1B Datasheet
596Kb / 58P
   10/100 real-time Ethernet 3.3 V transceiver
logo
Red Lion Controls. Inc
ET-DS REDLION-ET-DS Datasheet
494Kb / 2P
   Ethernet Real-Time Device Servers
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
logo
Agere Systems
LU3X34FTR AGERE-LU3X34FTR Datasheet
678Kb / 52P
   Quad 3 V 10/100 Ethernet Transceiver TX/FX
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Microchip Technology
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
   RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com