Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR315D1X0ER50 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GR315D1X0ER50
Description  Chip Monolithic Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GR315D1X0ER50 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GR315D1X0ER50 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GR315D1X0ER50 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GR315D1X0ER50 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GR315D1X0ER50 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GR315D1X0ER50 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Continued from the preceding page.
Continued on the following page.
25 to 85
°C
25 to 85
°C
25 to 85
°C
25 to 125
°C *6
-25 to 85
°C
-25 to 85
°C
-55 to 125
°C
-55 to 105
°C
-220
±60ppm/°C
-330
±60ppm/°C
-470
±60ppm/°C
-750
±120ppm/°C
±10%
±10%
±22%
±22%
R2H *1
S2H *1
T2H *1
U2J *1
B *2
B
X7S
X6S
6R
6S
6T
7U
B1
B3
C7
C8
-55 to 125
°C
-55 to 125
°C
-55 to 125
°C
-55 to 125
°C
-25 to 85
°C
-25 to 85
°C
-55 to 125
°C
-55 to 105
°C
tTemperature Characteristics
Code
Temperature Characteristic Codes
Temperature Characteristics
20 to 85
°C
20 to 125
°C
20 to 85
°C
20 to 85
°C
20 to 85
°C
20 to 85
°C
20 to 125
°C
20 to 85
°C
20 to 85
°C
20 to 85
°C
20 to 85
°C
20 to 85
°C
20 to 125
°C
25 to 125
°C
25 to 150
°C
25 to 125
°C
25 to 85
°C
20
°C
20
°C
20
°C
20
°C
20
°C
20
°C
20
°C
20
°C
20
°C
20
°C
20
°C
20
°C
20
°C
25
°C
25
°C
25
°C
25
°C
Temperature
Range
Reference
Temperature
+350 to -1000ppm/
°C
0
±60ppm/°C
-150
±60ppm/°C
-220
±60ppm/°C
-330
±60ppm/°C
-470
±60ppm/°C
0
±120ppm/°C
-150
±120ppm/°C
-220
±120ppm/°C
-330
±120ppm/°C
-470
±120ppm/°C
-750
±120ppm/°C
0
±250ppm/°C
0
±30ppm/°C
0
±30ppm/°C
0
±60ppm/°C
-150
±60ppm/°C
Capacitance Change or
Temperature Coefficient
SL *1
CH *1
PH *1
RH *1
SH *1
TH *1
CJ *1
PJ *1
RJ *1
SJ *1
TJ *1
UJ *1
CK *1
C0G *1
X8G *1
C0H *1
P2H *1
JIS
JIS
JIS
JIS
JIS
JIS
JIS
JIS
JIS
JIS
JIS
JIS
JIS
EIA
EIA
EIA
EIA
25
°C
25
°C
25
°C
25
°C
20
°C
20
°C
25
°C
25
°C
EIA
EIA
EIA
EIA
JIS
JIS
EIA
EIA
-25 to 85
°C
-30 to 85
°C
-55 to 150
°C
-55 to 125
°C
-55 to 125
°C
-55 to 85
°C
-55 to 125
°C
-55 to 150
°C
-55 to 125
°C
+30, -80%
+22, -82%
+15, -40%
±15%
±15%
±15%
±15%
±15%
±10% *4
+22, -33% *5
F *2
Y5V
X8L
R *2
R
X5R
X7R
X8R
-
F1
F5
L8
R1
R3
R6
R7
R9
W0
-25 to 85
°C
-30 to 85
°C
-55 to 150
°C
-55 to 125
°C
-55 to 125
°C
-55 to 85
°C
-55 to 125
°C
-55 to 150
°C
-55 to 125
°C
20
°C
25
°C
25
°C
20
°C
20
°C
25
°C
25
°C
25
°C
25
°C
JIS
EIA
*3
JIS
JIS
EIA
EIA
EIA
-
-55 to 125
°C
+22, -33%
X7T
D7
-55 to 125
°C
25
°C
EIA
-55 to 105
°C
+22, -33%
X6T
D8
-55 to 105
°C
25
°C
EIA
-55 to 125
°C
+22, -56%
X7U
E7
-55 to 125
°C
25
°C
EIA
Public STD Code
1X
2C
2P
2R
2S
2T
3C
3P
3R
3S
3T
3U
4C
5C
5G
6C
6P
-55 to 125
°C
-55 to 125
°C
-25 to 85
°C
-25 to 85
°C
-25 to 85
°C
-25 to 85
°C
-55 to 125
°C
-25 to 85
°C
-25 to 85
°C
-25 to 85
°C
-25 to 85
°C
-25 to 85
°C
-55 to 125
°C
-55 to 125
°C
-55 to 150
°C
-55 to 125
°C
-55 to 125
°C
Operating
Temperature Range
*1 Please refer to table for Capacitance Change under reference temperature.
*2 Capacitance change is specified with 50% rated voltage applied.
*3 Murata Temperature Characteristic Code.
*4 Apply DC350V bias.
*5 No DC bias.
*6 Rated Voltage 100Vdc max : 25 to 85
°C


Similar Part No. - GR315D1X0ER50

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GR315 MALLORY-GR315 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Murata Manufacturing Co...
GR3152B11H102KA01D MURATA-GR3152B11H102KA01D Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR3153B11H102KA01D MURATA-GR3153B11H102KA01D Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR3155B11H102KA01D MURATA-GR3155B11H102KA01D Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR315D1X0ER50

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com