Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ45 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SMCJ45
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMCJ45 Datasheet(HTML) 2 Page - Diodes Incorporated

  SMCJ45 Datasheet HTML 1Page - Diodes Incorporated SMCJ45 Datasheet HTML 2Page - Diodes Incorporated SMCJ45 Datasheet HTML 3Page - Diodes Incorporated SMCJ45 Datasheet HTML 4Page - Diodes Incorporated SMCJ45 Datasheet HTML 5Page - Diodes Incorporated SMCJ45 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMCJ5.0(C)A - SMCJ170(C)A
Document number: DS19003 Rev. 18 - 2
2 of 6
www.diodes.com
June 2012
© Diodes Incorporated
SMCJ5.0(C)A - SMCJ170(C)A
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA = 25° C)
(Note 6)
PPK
1500
W
Peak Forward Surge Current,
8.3ms Single Half Sine Wave Superimposed on Rated Load
(Notes 6, 7, & 8)
IFSM
200
A
Steady State Power Dissipation @ TL = 75°C
PM(AV)
5.0
W
Instantaneous Forward Voltage @ IPP = 100A (Notes 6 & 8)
VF
See Note 9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Notes:
6. Valid provided that terminals are kept at ambient temperature.
7. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
8. Unidirectional units only.
9. VF = 3.5V for SMCJ5.0A through SMCJ90A, and VF = 5.0V for SMCJ100A through SMCJ170A.


Similar Part No. - SMCJ45

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ45 TSC-SMCJ45 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Dc Components
SMCJ45 DCCOM-SMCJ45 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMCJ45 SUNMATE-SMCJ45 Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Yangzhou yangjie electr...
SMCJ45 YANGJIE-SMCJ45 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ45 FORMOSA-SMCJ45 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ45

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com