Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCFT000144 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MCFT000144
Description  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000144 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MCFT000144 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000144 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000144 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000144 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000144 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000144 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000144 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000144 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCFT000144 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <6>
V1.0
18/07/12
Wire Wound Chip Inductor
High Current Electrical Specifications
MCFT03 Wire Wound Chip Inductors / High Current Type
Inductance
(nH)
Tolerance
L
Freq.
(MHz)
Quality
Factor
min.
SRF
(GHz) min.
DCR
(Ω) max.
IDC
(mA) max.
Colour
Code
6.8
±5, ±10%
250
35
5.8
0.054
2,100
Orange
10
±2, ±5, ±10%
250
38
3.7
0.071
2,000
Green
12
±2, ±5, ±10%
250
38
3
0.075
2,000
Blue
15
±2, ±5, ±10%
250
38
2.8
0.08
1,900
Violet
18
±2, ±5, ±10%
250
40
2.8
0.099
1,900
Gray
22
±2, ±5, ±10%
250
42
2.4
0.099
1,800
White
High Q Electrical Specifications
MCFT05 Wire Wound Chip Inductors / High Q Type
Inductance
(nH)
Tolerance
L
Freq.
(MHz)
Quality
Factor
min.
SRF
(GHz) min.
DCR
(Ω) max.
IDC
(mA) max.
Colour
Code
10
±5, ±10%
250
80 @ 1000MHz
3
0.06
1,600
Black
12
±5, ±10%
250
80 @ 1000MHz
3
0.045
1,600
Orange
15
±2, ±5, ±10%
250
80 @ 1000MHz
2.8
0.1
1,200
Black
18
±2, ±5, ±10%
250
75 @ 500MHz
2.55
0.06
1,400
Green
22
±2, ±5, ±10%
250
80 @ 500MHz
2
0.1
1,200
Black
27
±2, ±5, ±10%
250
75 @ 500MHz
2
0.07
1,300
Violet
39
±2, ±5, ±10%
250
65 @ 500MHz
1.6
0.11
1,100
White
High SRF Electrical Specifications
MCFT02 Wire Wound Chip Inductors / High SRF Type
Inductance
(nH)
Tolerance
L
Freq.
(MHz)
Q
SRF
(GHz) min.
DCR
(Ω) max.
IDC
(mA) max.
900MHz 1.7GHz
1
±0.2nH, ±0.5nH, ±5%, ±10%
250
46
75
16
0.03
2,300
2.2
±0.2nH, ±0.5nH, ±5%, ±10%
250
60
86
15.1
0.038
2,100
3.3
±0.5nH, ±3%, ±5%±10%
250
66
95
12.8
0.045
1,700
4.7
±0.5nH, ±3%, ±5%±10%
250
58
83
6.85
0.06
1,500
6.8
±2%, ±3%, ±5%, ±10%
250
68
94
5.8
0.055
1,500
10
±2%, ±3%, ±5%, ±10%
250
62
90
4.7
0.085
1,300
12
±2%, ±3%, ±5%, ±10%
250
66
100
4.4
0.09
1,200
15
±2%, ±3%, ±5%, ±10%
250
62
85
3.9
0.11
1,100
18
±2%, ±3%, ±5%, ±10%
250
58
74
3.55
0.12
900
22
±2%, ±3%, ±5%, ±10%
250
60
74
3.3
0.16
800


Similar Part No. - MCFT000144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000152 ETC2-MCFT000152 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000153 ETC2-MCFT000153 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000154 ETC2-MCFT000154 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000155 ETC2-MCFT000155 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000156 ETC2-MCFT000156 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
More results

Similar Description - MCFT000144

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com