Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCFT000151 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MCFT000151
Description  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000151 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MCFT000151 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCFT000151 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000151 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000151 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000151 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000151 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000151 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000151 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000151 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <5>
V1.0
18/07/12
Wire Wound Chip Inductor
MCFT06 Wire Wound Chip Inductors / Standard Type
Inductance
(nH)
Tolerance
L Freq.
(MHz)
Quality
Factor
min.
SRF
(GHz) min.
DCR
(Ω) max.
IDC
(mA) max.
Colour
Code
10
±5, ±10%
100
40 @ 300MHz
4.
0.08
1,000
Red
15
±5, ±10%
100
40 @ 300MHz
3.2
0.1
1,000
Yellow
22
±5, ±10%
100
50 @ 300MHz
2.2
0.1
1,000
Blue
33
±2, ±5, ±10%
100
55 @ 300MHz
1.8
0.11
1,000
Gray
47
±2, ±5, ±10%
100
55 @ 300MHz
1.5
0.13
1,000
Black
68
±2, ±5, ±10%
100
55 @ 300MHz
1.2
0.26
950
Red
150
±2, ±5, ±10%
100
60 @ 300MHz
0.95
0.31
750
Blue
220
±2, ±5, ±10%
50
55 @ 300MHz
0.76
0.5
670
Gray
330
±2, ±5, ±10%
50
45 @ 150MHz
0.65
0.62
590
Black
470
±2, ±5, ±10%
50
45 @ 150MHz
0.55
1.3
490
Red
680
±2, ±5, ±10%
35
45 @ 150MHz
0.45
1.58
430
Yellow
1,000
±2, ±5, ±10%
35
45 @ 150MHz
0.4
2.8
320
Blue
Low Profile Electrical Specifications
MCFT05 Wire Wound Chip Inductors / Low Profile Type
Inductance
(nH)
Tolerance
L
Freq.
(MHz)
Quality
Factor
min.
SRF
(GHz) min.
DCR
(Ω) max.
IDC
(mA) max.
Colour
Code
10
±2, ±5, ±10%
250
55 @ 750MHz
3.3
0.08
800
Green
12
±2, ±5, ±10%
250
55 @ 750MHz
3.8
0.1
800
Blue
15
±2, ±5, ±10%
250
50 @ 500MHz
2.95
0.1
800
Violet
18
±2, ±5, ±10%
250
50 @ 500MHz
3.1
0.13
800
Gray
22
±2, ±5, ±10%
250
50 @ 500MHz
2.9
0.15
800
Whit
27
±2, ±5, ±10%
250
50 @ 500MHz
2.45
0.23
600
Black
33
±2, ±5, ±10%
250
50 @ 500MHz
2.35
0.28
600
Brown
39
±2, ±5, ±10%
250
50 @ 500MHz
2.2
0.33
600
Red
47
±2, ±5, ±10%
200
50 @ 500MHz
2
0.39
600
Orange
56
±2, ±5, ±10%
200
50 @ 500MHz
1.85
0.39
500
Yellow
68
±2, ±5, ±10%
200
50 @ 500MHz
1.5
0.4
500
Green
82
±2, ±5, ±10%
150
50 @ 500MHz
1.5
0.44
500
Blue
100
±2, ±5, ±10%
150
50 @ 500MHz
1.2
0.64
400
Violet
120
±2, ±5, ±10%
150
40 @ 250MHz
1.15
0.68
300
Gray
150
±2, ±5, ±10%
150
40 @ 250MHz
1.05
0.8
300
Whit
1000
±2, ±5, ±10%
25
16 @ 50MHz
0.08
3.5
170
Black


Similar Part No. - MCFT000151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000152 ETC2-MCFT000152 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000153 ETC2-MCFT000153 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000154 ETC2-MCFT000154 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000155 ETC2-MCFT000155 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
MCFT000156 ETC2-MCFT000156 Datasheet
125Kb / 10P
   Wound Chip Ferrite Inductors
More results

Similar Description - MCFT000151

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com