Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0603KZNTA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCW0603KZNTA
Description  Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0603KZNTA Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCW0603KZNTA Datasheet HTML 1Page - Vishay Siliconix CRCW0603KZNTA Datasheet HTML 2Page - Vishay Siliconix CRCW0603KZNTA Datasheet HTML 3Page - Vishay Siliconix CRCW0603KZNTA Datasheet HTML 4Page - Vishay Siliconix CRCW0603KZNTA Datasheet HTML 5Page - Vishay Siliconix CRCW0603KZNTA Datasheet HTML 6Page - Vishay Siliconix CRCW0603KZNTA Datasheet HTML 7Page - Vishay Siliconix CRCW0603KZNTA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 20008
For technical questions, contact: thickfilmchip@vishay.com
www.vishay.com
Revision: 18-Nov-10
119
D/CRCW
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Vishay
Note
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
Note
(2) Preferred way for ordering products is by use of the PART NUMBER.
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
D10/
CRCW0402
D11/
CRCW0603
D12/
CRCW0805
D25/
CRCW1206
CRCW1210 CRCW1218 CRCW2010 CRCW2512
Rated dissipation at 70 °C (1)
W
0.063
0.1
0.125
0.25
0.5
1.0
0.75
1.0
Limiting element voltage
UMAX. AC/DC
V
50
75
150
200
200
200
400
500
Insulation voltage
UINS.
(1 min)
V
> 75
> 100
> 200
> 300
> 300
> 300
> 300
> 300
Insulation resistance
Ω
> 109
Category temperature range
°C
- 55 to + 155
Failure rate
h-1
< 0.1 x 10-9
Weight
mg
0.65
2
5.5
10
16
29.5
25.5
40.5
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: CRCW0805562RFKTA (2)
MODEL
VALUE
TOLERANCE
TCR
PACKAGING
SPECIAL
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
R = Decimal
K = Thousand
M = Million
0000 = Jumper
F = ± 1 %
J = ± 5 %
Z = Jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
S = Jumper or
special
TA
TB
TC
TD
TE
TF
TG
TH
TK
Up to 2 digits
Product Description: CRCW0805 100 562R 1 % RT1
CRCW0805
100
562R
1 %
RT1
MODEL
TCR
RESISTANCE VALUE
TOLERANCE
PACKAGING
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW1210
CRCW1218
CRCW2010
CRCW2512
± 100 ppm/K
± 200 ppm/K
10R = 10
Ω
562R = 562
Ω
10K = 10.0 k
Ω
1M = 1 M
Ω
0R0 = Jumper
± 1 %
± 5 %
RT1
RT5
RT6
RT7
RF4
R02
R67
R82
RT9
C
R
C
W
0
8
0
5
5
6
2
R
F
K
T
A


Similar Part No. - CRCW0603KZNTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0603KZNTA VISHAY-CRCW0603KZNTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603KZNTA VISHAY-CRCW0603KZNTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603KZNTA VISHAY-CRCW0603KZNTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW0603KZNTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0402475RFKED VISHAY-CRCW0402475RFKED Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW080547R0FKEA VISHAY-CRCW080547R0FKEA Datasheet
136Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603680RFKTA VISHAY-CRCW0603680RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120675K0FKEA VISHAY-CRCW120675K0FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW25122K40JNEG VISHAY-CRCW25122K40JNEG Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com