Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC8610TPX800GZ Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC8610TPX800GZ
Description  MPC8610 Integrated Host Processor Hardware Specifications
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC8610TPX800GZ Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC8610TPX800GZ Datasheet HTML 5Page - Freescale Semiconductor, Inc MC8610TPX800GZ Datasheet HTML 6Page - Freescale Semiconductor, Inc MC8610TPX800GZ Datasheet HTML 7Page - Freescale Semiconductor, Inc MC8610TPX800GZ Datasheet HTML 8Page - Freescale Semiconductor, Inc MC8610TPX800GZ Datasheet HTML 9Page - Freescale Semiconductor, Inc MC8610TPX800GZ Datasheet HTML 10Page - Freescale Semiconductor, Inc MC8610TPX800GZ Datasheet HTML 11Page - Freescale Semiconductor, Inc MC8610TPX800GZ Datasheet HTML 12Page - Freescale Semiconductor, Inc MC8610TPX800GZ Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Pin Assignments and Reset States
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
9
PCI_IRDY
J5
I/O
OVDD
PCI_STOP
E4
I/O
OVDD
PCI_DEVSEL
J7
I/O
OVDD
PCI_IDSEL
L5
I
OVDD
PCI_PERR
H2
I/O
OVDD
PCI_SERR
H3
I/O
OVDD
PCI_REQ0
N3
I/O
OVDD
PCI_REQ1/GPIO1[0]
N1
I/O
OVDD
23
PCI_REQ2/GPIO1[2]
P3
I/O
OVDD
23
PCI_REQ3/GPIO1[4]
P1
I/O
OVDD
23
PCI_REQ4/GPIO1[6]
P2
I/O
OVDD
23
PCI_GNT0
N2
I/O
OVDD
PCI_GNT1/GPIO1[1]
T1
I/O
OVDD
23
PCI_GNT2/GPIO1[3]
T2
I/O
OVDD
23
PCI_GNT3/GPIO1[5]
R1
I/O
OVDD
23
PCI_GNT4/GPIO1[7]
R2
I/O
OVDD
23
PCI_CLK
C1
I
OVDD
SerDes 1 Signals
SD1_TX[3:0]
J13, G12, F10, H9
O
X1VDD
SD1_TX[3:0]
H13, F12, G10, J9
O
X1VDD
SD1_RX[3:0]
B9, D8, D5, B4
I
S1VDD
SD1_RX[3:0]
A9, C8, C5, A4
I
S1VDD
SD1_REF_CLK
A7
I
S1VDD
SD1_REF_CLK
B7
I
S1VDD
SD1_PLL_TPD
C7
O
X1VDD
9, 10
SD1_PLL_TPA
B6
Analog
S1VDD
9, 11
SD1_IMP_CAL_TX
E11
Analog
X1VDD
7
SD1_IMP_CAL_RX
B3
Analog
S1VDD
8
SerDes 2 Signals
SD2_TX[7:0]
F22, J21, F20, H19, J17, G16, H15, G14
O
X2VDD
SD2_TX[7:0]
G22, H21, G20, J19, H17, F16, J15, F14
O
X2VDD
SD2_RX[7:0]
B22, D21, B20, D19, C15, B14, C13, A12
I
S2VDD
SD2_RX[7:0]
A22, C21, A20, C19, D15, A14, D13, B12
I
S2VDD
SD2_REF_CLK
A18
I
S2VDD
Table 1. Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes


Similar Part No. - MC8610TPX800GZ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC8610TPX800G FREESCALE-MC8610TPX800G Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
More results

Similar Description - MC8610TPX800GZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
   MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
   Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
   Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
   Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
   Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
   MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
   PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
   MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
   MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com