Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMG6R3E472MK20S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKMG6R3E472MK20S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMG6R3E472MK20S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKMG6R3E472MK20S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMG6R3E472MK20S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMG6R3E472MK20S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 105C
CAT. No. E1001K
?STANDARD RATINGS
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
50
0.65
0.75
0.80
0.85
120
1.00
1.00
1.00
1.00
300
1.35
1.25
1.15
1.03
1k
1.75
1.50
1.30
1.05
10k
2.30
1.75
1.40
1.08
100k
2.50
1.80
1.50
1.08
Capacitance (mF)
Frequency (Hz)
1.0 to 4.7
10 to 68
100 to 1,000
2,200 to
50
0.95
0.92
120
1.00
1.00
300
1.03
1.07
1k
1.05
1.13
10k
1.08
1.19
100k
1.08
1.20
Rated Voltage (Vde)
Frequency (Hz)
6.3 to 50
63 to 100
(F5 to F18)
(F20 to F22)
SS : Enter the appropriate lead forming or taping code.
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
is not solvent resistant.
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
350
10
10B12.5
0.24
64
EKMQ351ESS100MJC5S
22
12.5B20
0.24
130
EKMQ351ESS220MK20S
33
12.5B25
0.24
170
EKMQ351ESS330MK25S
47
16B25
0.24
230
EKMQ351ESS470ML25S
68
16B25
0.24
285
EKMQ351ESS680ML25S
100
18B31.5
0.24
375
EKMQ351ESS101MMN3S
400
1.0
6.3B11
0.24
15
EKMQ401ESS1R0MF11D
2.2
8B11.5
0.24
27
EKMQ401ESS2R2MHB5D
3.3
8B11.5
0.24
34
EKMQ401ESS3R3MHB5D
4.7
10B12.5
0.24
42
EKMQ401ESS4R7MJC5S
10
10B16
0.24
64
EKMQ401ESS100MJ16S
22
12.5B25
0.24
145
EKMQ401ESS220MK25S
33
16B25
0.24
195
EKMQ401ESS330ML25S
47
16B25
0.24
200
EKMQ401ESS470ML25S
68
16B31.5
0.24
240
EKMQ401ESS680MLN3S
100
18B35.5
0.24
310
EKMQ401ESS101MMP1S
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
450
2.2
8B11.5
0.24
20
EKMQ451ESS2R2MHB5D
3.3
10B12.5
0.24
28
EKMQ451ESS3R3MJC5S
4.7
10B12.5
0.24
32
EKMQ451ESS4R7MJC5S
10
10B20
0.24
56
EKMQ451ESS100MJ20S
22
12.5B25
0.24
100
EKMQ451ESS220MK25S
33
16B25
0.24
125
EKMQ451ESS330ML25S
47
16B31.5
0.24
155
EKMQ451ESS470MLN3S
68
18B35.5
0.24
185
EKMQ451ESS680MMP1S
100
18B40
0.24
200
EKMQ451ESS101MM40S
(3/3)


Similar Part No. - EKMG6R3E472MK20S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMG6R3E472MK20S CHEMI-CON-EKMG6R3E472MK20S Datasheet
105Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG6R3E472MK20S CHEMI-CON-EKMG6R3E472MK20S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG6R3E472MK20S CHEMI-CON-EKMG6R3E472MK20S Datasheet
83Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG6R3E472MK20S CHEMI-CON-EKMG6R3E472MK20S Datasheet
98Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG6R3E472MK20S CHEMI-CON-EKMG6R3E472MK20S Datasheet
70Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMG6R3E472MK20S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com