Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68LC040FE25B Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC68LC040FE25B
Description  M68040 Users Manual
Download  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68LC040FE25B Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC68LC040FE25B Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68LC040FE25B Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68LC040FE25B Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68LC040FE25B Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68LC040FE25B Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68LC040FE25B Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68LC040FE25B Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68LC040FE25B Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68LC040FE25B Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 442 page
background image
x
M68040 USER’S MANUAL
MOTOROLA
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
6.2.2
HIGHZ ............................................................................................... 6-4
6.2.3
SAMPLE/PRELOAD.......................................................................... 6-4
6.2.4
DRVCTL.T ......................................................................................... 6-4
6.2.5
SHUTDOWN .....................................................................................6-5
6.2.6
PRIVATE ........................................................................................... 6-5
6.2.7
DRVCTL.S......................................................................................... 6-5
6.2.8
BYPASS ............................................................................................ 6-6
6.3
Boundary Scan Register ....................................................................... 6-6
6.4
Restrictions ...........................................................................................6-12
6.5
Disabling The IEEE Standard 1149.1A Operation ................................ 6-13
6.6
Motorola M68040 BSDL Description (Version 2.2) ............................... 6-15
6.7
MC68040, MC68LC040, MC68EC040
JTAG Electrical Characteristics ..........................................................6-21
Section 7
Bus Operation
7.1
Bus Characteristics ............................................................................... 7-1
7.2
Data Transfer Mechanism..................................................................... 7-3
7.3
Misaligned Operands ............................................................................ 7-6
7.4
Processor Data Transfers ..................................................................... 7-9
7.4.1
Byte, Word, and Long-Word Read Transfers .................................... 7-10
7.4.2
Line Read Transfer ............................................................................7-12
7.4.3
Byte, Word, and Long-Word Write Transfers .................................... 7-20
7.4.4
Line Write Transfers .......................................................................... 7-22
7.4.5
Read-Modify-Write Transfers (Locked Transfers) ............................. 7-26
7.5
Acknowledge Bus Cycles ......................................................................7-29
7.5.1
Interrupt Acknowledge Bus Cycles ....................................................7-29
7.5.1.1
Interrupt Acknowledge BUS Cycle (Terminated Normally) ............ 7-31
7.5.1.2
Autovector Interrupt Acknowledge bus Cycle ................................ 7-33
7.5.1.3
Spurious Interrupt Acknowledge Bus Cycle................................... 7-34
7.5.2
Breakpoint Interrupt Acknowledge Bus Cycle ....................................... 7-35
7.6
Bus Exception Control Cycles............................................................... 7-36
7.6.1
Bus Errors ......................................................................................... 7-37
7.6.2
Retry Operation ................................................................................. 7-41
7.6.3
Double Bus Fault ............................................................................... 7-43
7.7
Bus Synchronization ............................................................................. 7-43
7.8
Bus Arbitration And Examples .............................................................. 7-44
7.8.1
Bus Arbitration ................................................................................... 7-45
7.8.2
Bus Arbitration Examples .................................................................. 7-52
7.8.2.1
Dual M68040 Fairness Arbitration .................................................7-52
7.8.2.2
Dual M68040 Prioritized Arbitration ............................................... 7-54
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68LC040FE25B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68LC040FE25B MOTOROLA-MC68LC040FE25B Datasheet
3Mb / 442P
   M68000-compatible, high-performance, 32-bit microprocessors
More results

Similar Description - MC68LC040FE25B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
logo
Motorola, Inc
MC68341UMAD MOTOROLA-MC68341UMAD Datasheet
134Kb / 21P
   Integrated Processor Users Manual
logo
Freescale Semiconductor...
FRDM-KL46Z FREESCALE-FRDM-KL46Z Datasheet
1Mb / 17P
   FRDM-KL46Z Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com