Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC817X4J000F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC817X4J000F
Description  DIP 4pin General Purpose Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817X4J000F Datasheet(HTML) 5 Page - Sharp Corporation

  PC817X4J000F Datasheet HTML 1Page - Sharp Corporation PC817X4J000F Datasheet HTML 2Page - Sharp Corporation PC817X4J000F Datasheet HTML 3Page - Sharp Corporation PC817X4J000F Datasheet HTML 4Page - Sharp Corporation PC817X4J000F Datasheet HTML 5Page - Sharp Corporation PC817X4J000F Datasheet HTML 6Page - Sharp Corporation PC817X4J000F Datasheet HTML 7Page - Sharp Corporation PC817X4J000F Datasheet HTML 8Page - Sharp Corporation PC817X4J000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Sheet No.: D2-A03101EN
Model Line-up
Lead Form
Package
Through-Hole
PC817X
PC817X1
PC817X2
PC817X3
PC817X4
PC817X5
PC817X6
PC817X7
PC817X8
PC817X9
PC817X0
Wide Through-Hole
PC817XF
PC817XF1
PC817XF2
PC817XF3
PC817XF4
PC817XF5
PC817XF6
PC817XF7
PC817XF8
PC817XF9
PC817XF0
PC817XI
PC817XI1
PC817XI2
PC817XI3
PC817XI4
PC817XI5
PC817XI6
PC817XI7
PC817XI8
PC817XI9
PC817XI0
Taping
PC817XP
PC817XP1
PC817XP2
PC817XP3
PC817XP4
PC817XP5
PC817XP6
PC817XP7
PC817XP8
PC817XP9
PC817XP0
Wide SMT Gullwing
PC817XFP
Sleeve
2 000pcs/reel
100pcs/sleeve
SMT Gullwing
Model No.
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
Rank mark
with or without
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
2.5 to 30.0
4.0 to 8.0
6.5 to 13.0
10.0 to 20.0
15.0 to 30.0
4.0 to 13.0
6.5 to 20.0
10.0 to 30.0
4.0 to 20.0
6.5 to 30.0
4.0 to 30.0
5
Please contact a local SHARP sales representative to inquire about production status and Lead-Free options.
PC817X Series


Similar Part No. - PC817X4J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817X4J000F SHARP-PC817X4J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results

Similar Description - PC817X4J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com